Electronic Components Datasheet Search
  English  ▼

X  

UBA1702A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # UBA1702A
Description  Line interrupter driver and ringer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA1702A Datasheet(HTML) 4 Page - NXP Semiconductors

  UBA1702A Datasheet HTML 1Page - NXP Semiconductors UBA1702A Datasheet HTML 2Page - NXP Semiconductors UBA1702A Datasheet HTML 3Page - NXP Semiconductors UBA1702A Datasheet HTML 4Page - NXP Semiconductors UBA1702A Datasheet HTML 5Page - NXP Semiconductors UBA1702A Datasheet HTML 6Page - NXP Semiconductors UBA1702A Datasheet HTML 7Page - NXP Semiconductors UBA1702A Datasheet HTML 8Page - NXP Semiconductors UBA1702A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
1997 Sep 29
4
Philips Semiconductors
Product specification
Line interrupter driver and ringer
UBA1702; UBA1702A
BLOCK DIAGRAM
Fig.1 Block diagram.
handbook, full pagewidth
MBE184
VDD
VSS
DIGITAL
-TO-
ANALOG
CONVERTER
VDD
VSS
VDD
VSS
VDD
VOLUME
CONTROL
15
14
13
RV0
RV1
RV2
16
RINGER
THRESHOLD
11
R ref
VSS
RINGER MELODY INPUT AND PIEZO DRIVER
1/2 VDD
VDD
VDD
VRR
VSS
VRR
VSS
22
ROA
ROB
20
R ref
RINGER
PROTECTION
RPI
23
VDD
VSS
12
RINGER FREQUENCY
DETECTION
VSS
SUPPLY
RINGER
VDD
REFERENCES
Vref
18
19
VDD
VBB
Sref
Rref
SPO
VSS
UBA1702; UBA1702A
UBA1702T; UBA1702AT
7
17
VEE
VSS
VDD
VSS
8
MSI
R ref
MSA
S ref
ZPA
MUTE SWITCH
ZENER PROTECTION
SPEECH
10
9
Sref
SENSE
Sref
VDD
VSS
LINE CURRENT MANAGEMENT
6
5
26
24
25
CLA
CDO
CDA
SPI
SPO
VRR
RTA
21
RMI
SWITCH
DRIVER
VSS
14 V
2
1
SDI
SDO
DPI
EHI
4
28
RFO
VRR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com