Electronic Components Datasheet Search
  English  ▼

X  

LTC4358 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC4358
Description  28V, 2A Ideal Diode and Load Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4358 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC4358 Datasheet HTML 2Page - Analog Devices LTC4358 Datasheet HTML 3Page - Analog Devices LTC4358 Datasheet HTML 4Page - Analog Devices LTC4358 Datasheet HTML 5Page - Analog Devices LTC4358 Datasheet HTML 6Page - Analog Devices LTC4358 Datasheet HTML 7Page - Analog Devices LTC4358 Datasheet HTML 8Page - Analog Devices LTC4358 Datasheet HTML 9Page - Analog Devices LTC4358 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Data Sheet
LT4423
analog.com
Rev. 0
6 of 18
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 4. Supply Current to GND vs IN Voltage
Figure 5. Supply Current to GND vs IN Voltage in Shutdown
Figure 6. Reverse Leakage Current vs Temperature
Figure 7. Load Current vs Forward Voltage Drop
Figure 8. On-Resistance vs Temperature
Figure 9. Turn-Off Time vs Reverse Voltage
VIN (V)
0
5
10
15
20
25
30
–5
–7
–9
–11
–13
–15
TA = +125°C
TA = +25°C
TA = –40°C
VIN (V)
0
5
10
15
20
25
30
0
–0.2
–0.4
–0.6
–0.8
–1.0
TA = +125°C
TA = +25°C
TA = –40°C
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
2
1
0
-1
-2
IN
OUT
VREG (mV)
0
125
250
375
500
0
0.5
1.0
1.5
2.0
IN = 28V
IN = 4V
IN = 3.3V
IN = 2.5V
IN = 1.9V
TA = 25°C
2IN2 THERMAL RELIEF
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
100
300
500
700
900
IN = 28V
IN = 4V
IN = 3.3V
IN = 2.5V
IN = 1.9V
OUT – IN (mV)
0
25
50
75
100
125
150
175
200
10
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com