Electronic Components Datasheet Search
  English  ▼

X  

LTC4358 Datasheet(PDF) 14 Page - Analog Devices

Part # LTC4358
Description  28V, 2A Ideal Diode and Load Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4358 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC4358 Datasheet HTML 10Page - Analog Devices LTC4358 Datasheet HTML 11Page - Analog Devices LTC4358 Datasheet HTML 12Page - Analog Devices LTC4358 Datasheet HTML 13Page - Analog Devices LTC4358 Datasheet HTML 14Page - Analog Devices LTC4358 Datasheet HTML 15Page - Analog Devices LTC4358 Datasheet HTML 16Page - Analog Devices LTC4358 Datasheet HTML 17Page - Analog Devices LTC4358 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Data Sheet
LT4423
analog.com
Rev. 0
14 of 18
Figure 20. Protecting Against Reverse Input Voltage with a Diode
Figure 21. High Efficiency Solar Powered SCAP Charger with MPP
TO LOAD
GND
IN
OUT
STATUS
LT4423
ACCIDENTAL
REVERSE
CONNECTION
SHDN
C1
10µF
R1
100kΩ
DGND
1N4148
VIN = –4.2V
PFI
GND
LTC3625
SW1
PROG
VIN
VOUT
EN
CTL
VSEL
SW2
VMID
PFO
PGOOD
L1, 3.3µH
C5
1F
C6
1F
C4
10µF
R5
143kΩ
L2, 3.3µH
R2
26.7kΩ
R3
10kΩ
R4
174kΩ
C2
10nF
R1
10kΩ
D2
1.2V
D1
SOLAR PANEL
6V OPEN CIRCUIT
4.4V MPP
VOUT
4.8V
C1
390µF
C3
100pF
N/C
GND
IN
OUT
SHDN
STATUS
LT4423
ADR512
LT1784CS5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com