Electronic Components Datasheet Search
  English  ▼

X  

UBA1702AT Datasheet(PDF) 10 Page - NXP Semiconductors

Part # UBA1702AT
Description  Line interrupter driver and ringer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA1702AT Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button UBA1702AT Datasheet HTML 6Page - NXP Semiconductors UBA1702AT Datasheet HTML 7Page - NXP Semiconductors UBA1702AT Datasheet HTML 8Page - NXP Semiconductors UBA1702AT Datasheet HTML 9Page - NXP Semiconductors UBA1702AT Datasheet HTML 10Page - NXP Semiconductors UBA1702AT Datasheet HTML 11Page - NXP Semiconductors UBA1702AT Datasheet HTML 12Page - NXP Semiconductors UBA1702AT Datasheet HTML 13Page - NXP Semiconductors UBA1702AT Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
1997 Sep 29
10
Philips Semiconductors
Product specification
Line interrupter driver and ringer
UBA1702; UBA1702A
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. Continuous.
2. 2 kV surge:
a) according to IEC 805-1 part 5. Test generator 10
µs/700 µs according to CCITT (Rm1 = 15 Ω and Rm2 = 25 Ω).
b) pulse sequence > 60 s.
c) number of surges: 10.
d) polarity change after 5 surges.
e) test circuit in combination with 150 V Voltage Dependent Resistor (VDR) and a 3.9
Ω resistor connected in series
with the source of the PMOST interrupter (UBA1702).
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VSDI, VSDO
maximum input/output switch driver voltage
(pins SDI or SDO)
DC; note 1
−
240
V
pulsed; note 2
−
400
V
VEHI
maximum hook switch input voltage (pin EHI)
DC; note 1
−
240
V
pulsed; note 2
−
400
V
Vi(max)
maximum voltage at all logic inputs
(pins DPI, MSI, RV0, RV1, RV2 and RMI)
VSS − 0.4
VDD + 0.4 V
Vn(max)
maximum voltage at all other pins
−
24
V
ISPI(max)
maximum speech part input current (pin SPI)
−
150
mA
IRPI(max)
maximum ringer part input current (pin RPI)
−
70
mA
Ptot
total power dissipation
Tamb =75 °C
UBA1702
−
1W
UBA1702T
−
0.625
W
Tstg
IC storage temperature
−40
+150
°C
Tamb
operating ambient temperature
−25
+75
°C
SYMBOL
PARAMETER
VALUE
UNIT
Rth j−a
thermal resistance from junction to ambient in free air
UBA1702, UBA1702A
45
K/W
UBA1702T, UBA1702AT
70
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com