Electronic Components Datasheet Search
  English  ▼

X  

UBA1702AT Datasheet(PDF) 19 Page - NXP Semiconductors

Part # UBA1702AT
Description  Line interrupter driver and ringer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA1702AT Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button UBA1702AT Datasheet HTML 15Page - NXP Semiconductors UBA1702AT Datasheet HTML 16Page - NXP Semiconductors UBA1702AT Datasheet HTML 17Page - NXP Semiconductors UBA1702AT Datasheet HTML 18Page - NXP Semiconductors UBA1702AT Datasheet HTML 19Page - NXP Semiconductors UBA1702AT Datasheet HTML 20Page - NXP Semiconductors UBA1702AT Datasheet HTML 21Page - NXP Semiconductors UBA1702AT Datasheet HTML 22Page - NXP Semiconductors UBA1702AT Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Fig.8 Simplified proposal for electronic hook switch application of the UBA1702 in combination with a transmission and a hands-free circuit.
SPI
SDO
SDI
EHI
RPI
ROA
ROB
buzzer
RMI RV0
RV1
RV2
RF0
CLA CDA MSA ZPA
RTA
CD0
MSI
DPI
EHD MHD EHT
RV0
RV1
RV2
CE
T1
TONE
D1
BAT85
CVRR
22
µF
1.8
µF
1.8
µF
CVDD
22
µF
R1
620
Ω
VCC
DTMF VEE
SLPE
LN
TEA106x
3.58 MHz
XTAL1
XTAL2
VDD
VSS
VBB
SP0
VRR
VDD
VSS
VEE
PCD33xx
UBA1702
M1
BSP254
C1
100
µF
R9
20
Ω
QR
Loudspeaking
TEA1093
SUP
RIN
GND
LSP1
LSP2
100
nF
MHD: Mechanical Hook switch Detection
EHD: Electronic Hook switch Detection
EHT: Electronic Hook switch Take-over
CRMI
speaker-phone
button
D2
D3
cradle
BRIDGE
4 x BAS11
BRIDGE
4 x BAS11
a/b
b/a
BOD
BR211-240
D4
2.2 k
Ω
D5
3.3 V
MBE749
10 nF
Rprot
3.9
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com