Electronic Components Datasheet Search
  English  ▼

X  

1150808 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1150808
Description  DMCC 0,5/ 1-ST-SHL 7,0-2,54 - PCB connector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1150808 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1150808 Datasheet HTML 1Page - PHOENIX CONTACT 1150808 Datasheet HTML 2Page - PHOENIX CONTACT 1150808 Datasheet HTML 3Page - PHOENIX CONTACT 1150808 Datasheet HTML 4Page - PHOENIX CONTACT 1150808 Datasheet HTML 5Page - PHOENIX CONTACT 1150808 Datasheet HTML 6Page - PHOENIX CONTACT 1150808 Datasheet HTML 7Page - PHOENIX CONTACT 1150808 Datasheet HTML 8Page - PHOENIX CONTACT 1150808 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB connector, nominal cross section: 0.34 mm2, color: black, nominal current: 5 A, rated
voltage (III/2): 160 V, contact surface: Au, contact connection type: Socket, number of rows: 2,
number of positions: 1, product range: DMCC 0,5/..-ST-SHL, pitch: 2.54 mm, connection
method: Crimp connection, conductor/PCB connection direction: 0 °, locking clip: - without
locking clip, plug-in system: COMBICON DFMC 0,5 lock & shielded, Electrical properties:
shielded, locking: shielded connection, mounting: Lock & Shield, type of packaging: packed in
cardboard
Your advantages
Cost-effective connection of crimped conductors in large quantities
•
Gold-plated contacts ensure transfer quality remains stable over the long term
•
Contacts arranged in a double row enable high packing density in a compact area
•
Tools for manual and automatic crimping available as an option
•
Commercial data
Item number
1150808
Packing unit
100 pc
Minimum order quantity
100 pc
Note
Made to order (non-returnable)
Sales key
NULL
Product key
AAAILA
GTIN
4063151147099
Weight per piece (including packing)
1.609 g
Weight per piece (excluding packing)
1.609 g
Customs tariff number
85366990
Country of origin
CN
DMCC 0,5/ 1-ST-SHL 7,0-2,54 - PCB connector
1150808
https://www.phoenixcontact.com/us/products/1150808
Sep 10, 2024, 4:38 AM
Page 1 (9)


Similar Part No. - 1150808

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1150801 PHOENIX-1150801 Datasheet
346Kb / 9P
DMC 0,5/ 1-G1SHL-2,54P20THRR24 - PCB header
More results

Similar Description - 1150808

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1027605 PHOENIX-1027605 Datasheet
809Kb / 13P
DMCC 0,5/ 3-ST-2,54
1027606 PHOENIX-1027606 Datasheet
940Kb / 13P
DMCC 0,5/ 4-ST-2,54
1027608 PHOENIX-1027608 Datasheet
1Mb / 13P
DMCC 0,5/ 6-ST-2,54
1027609 PHOENIX-1027609 Datasheet
1Mb / 13P
DMCC 0,5/ 7-ST-2,54
1027613 PHOENIX-1027613 Datasheet
1Mb / 13P
DMCC 0,5/11-ST-2,54
1027616 PHOENIX-1027616 Datasheet
2Mb / 13P
DMCC 0,5/14-ST-2,54
1027618 PHOENIX-1027618 Datasheet
2Mb / 13P
DMCC 0,5/16-ST-2,54
1097555 PHOENIX-1097555 Datasheet
107Kb / 4P
DMCC 0,5/ 2-SHIELD 7,0-2,54 - Accessories
1128660 PHOENIX-1128660 Datasheet
349Kb / 14P
DMCC 0,5/ 2-ST-SH 7,0-2,54 - PCB connector
1145726 PHOENIX-1145726 Datasheet
552Kb / 14P
DMCC 0,5/ 4-ST-SHL 7,0-2,54 - PCB connector
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com