Electronic Components Datasheet Search
  English  ▼

X  

1150808 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1150808
Description  DMCC 0,5/ 1-ST-SHL 7,0-2,54 - PCB connector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1150808 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1150808 Datasheet HTML 1Page - PHOENIX CONTACT 1150808 Datasheet HTML 2Page - PHOENIX CONTACT 1150808 Datasheet HTML 3Page - PHOENIX CONTACT 1150808 Datasheet HTML 4Page - PHOENIX CONTACT 1150808 Datasheet HTML 5Page - PHOENIX CONTACT 1150808 Datasheet HTML 6Page - PHOENIX CONTACT 1150808 Datasheet HTML 7Page - PHOENIX CONTACT 1150808 Datasheet HTML 8Page - PHOENIX CONTACT 1150808 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Technical data
Product properties
Product type
PCB connector
Product family
DMCC 0,5/..-ST-SHL
Product line
COMBICON Connectors XS
Number of positions
1
Pitch
2.54 mm
Number of rows
2
Electrical characteristic
shielded
Data management status
Article revision
01
Electrical properties
Nominal current IN
5 A
Nominal voltage UN
160 V
Contact resistance
5.3 mΩ
Rated voltage (III/3)
160 V
Rated surge voltage (III/3)
2.5 kV
Rated voltage (III/2)
160 V
Rated surge voltage (III/2)
2.5 kV
Rated voltage (II/2)
320 V
Rated surge voltage (II/2)
2.5 kV
Electrical characteristic
shielded
Connection data
Interlock
Locking type
shielded connection
Mounting flange
Lock & Shield
Conductor connection
Connection method
Crimp connection
Conductor/PCB connection direction
0 °
Conductor cross section AWG
26 ... 22
Stripping length
4.1 mm ... 4.5 mm
Material specifications
Material data - contact
Contact material
Cu alloy
Metal surface contact area (top layer)
Gold (Au)
Material data - housing
Color (Housing)
black (9005)
DMCC 0,5/ 1-ST-SHL 7,0-2,54 - PCB connector
1150808
https://www.phoenixcontact.com/us/products/1150808
Sep 10, 2024, 4:38 AM
Page 2 (9)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com