Electronic Components Datasheet Search
  English  ▼

X  

1243905 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1243905
Description  CA-06P1NA22S00X - Device connector front mounting
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1243905 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1243905 Datasheet HTML 1Page - PHOENIX CONTACT 1243905 Datasheet HTML 2Page - PHOENIX CONTACT 1243905 Datasheet HTML 3Page - PHOENIX CONTACT 1243905 Datasheet HTML 4Page - PHOENIX CONTACT 1243905 Datasheet HTML 5Page - PHOENIX CONTACT 1243905 Datasheet HTML 6Page - PHOENIX CONTACT 1243905 Datasheet HTML 7Page - PHOENIX CONTACT 1243905 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
M23, Device connector front mounting, series: CA, straight, shielded: yes, for standard and
SPEEDCON interlock, No. of pos.: 6, Direction of rotation: Standard, contact connection type:
Pin, Solder-in connection, Flat gasket, 4x Ø 3.2, flange dimensions: 25 mm x 25 mm, coding: N,
Item is lead-free in accordance with RoHS II without Exemption 6c (Pb < 0.1 %)
Your advantages
Safe use in the field, thanks to high degree of protection
•
Consistent EMC protection for reliable transmission of signals
•
Easy device integration: solder-in contacts available in different lengths
•
Commercial data
Item number
1243905
Packing unit
1 pc
Minimum order quantity
1 pc
Product key
ABRAEL
GTIN
4063151406202
Weight per piece (including packing)
29.06 g
Weight per piece (excluding packing)
29.06 g
Country of origin
DE
CA-06P1NA22S00X - Device connector front mounting
1243905
https://www.phoenixcontact.com/us/products/1243905
Sep 10, 2024, 4:30 AM
Page 1 (8)


Similar Part No. - 1243905

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1243900 PHOENIX-1243900 Datasheet
398Kb / 11P
CA-12S1NA22S00X - Device connector front mounting
1243901 PHOENIX-1243901 Datasheet
393Kb / 11P
CA-09P1NA22S00X - Device connector front mounting
1243902 PHOENIX-1243902 Datasheet
394Kb / 12P
CA-09S1NA22S00X - Device connector front mounting
1243903 PHOENIX-1243903 Datasheet
392Kb / 11P
CA-07P1NA22S00X - Device connector front mounting
1243904 PHOENIX-1243904 Datasheet
390Kb / 11P
CA-07S1NA22S00X - Device connector front mounting
More results

Similar Description - 1243905

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1619868 PHOENIX-1619868 Datasheet
67Kb / 4P
Device connector, front mounting - CA-09P1N126Y00
1619869 PHOENIX-1619869 Datasheet
67Kb / 4P
Device connector, front mounting - CA-09S1N126Y00
1619876 PHOENIX-1619876 Datasheet
67Kb / 4P
Device connector, front mounting - CA-06P1N126Y00
1624051 PHOENIX-1624051 Datasheet
320Kb / 6P
Device connector, front mounting - CA-12S1N126L00
1619926 PHOENIX-1619926 Datasheet
74Kb / 4P
Device connector, front mounting - CA-09P1NA22S00
1619928 PHOENIX-1619928 Datasheet
74Kb / 4P
Device connector, front mounting - CA-07P1NA22S00
1619925 PHOENIX-1619925 Datasheet
75Kb / 4P
Device connector, front mounting - CA-12S1NA22S00
1619912 PHOENIX-1619912 Datasheet
74Kb / 4P
Device connector, front mounting - CA-09S1NC22S00
1619902 PHOENIX-1619902 Datasheet
66Kb / 4P
Device connector, front mounting - CA-06P1N126Z00
1619904 PHOENIX-1619904 Datasheet
77Kb / 4P
Device connector, front mounting - CA-17P1NC22S00
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com