Electronic Components Datasheet Search
  English  ▼

X  

1243905 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1243905
Description  CA-06P1NA22S00X - Device connector front mounting
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1243905 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1243905 Datasheet HTML 1Page - PHOENIX CONTACT 1243905 Datasheet HTML 2Page - PHOENIX CONTACT 1243905 Datasheet HTML 3Page - PHOENIX CONTACT 1243905 Datasheet HTML 4Page - PHOENIX CONTACT 1243905 Datasheet HTML 5Page - PHOENIX CONTACT 1243905 Datasheet HTML 6Page - PHOENIX CONTACT 1243905 Datasheet HTML 7Page - PHOENIX CONTACT 1243905 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Technical data
Product properties
Product type
Circular connectors (device side)
Data management status
Article revision
02
Dimensions
Dimensional drawing
10 mm
Length of the solder pin
10 mm
Connector
Insulating body
Coding
N
Insulation body material
PBT
Contact material
CuZn
Contact surface material
Ni/Au
Connection method
Solder-in connection
Contact switching type
Pin
Application
Signal
Number of positions
6
Direction of rotation
Standard
Connection profile
6
Contact diameter
Power contacts
2 mm
Rated current
Power contacts
20 A
Rated surge voltage
1.5 kV
Overvoltage category
III
Degree of pollution
3
Housing
Housing material
GD-Zn
Flange dimensions
25 mm x 25 mm
Type of locking
for standard and SPEEDCON interlock
Pg screw connection
none
Degree of protection (plugged in)
IP67
Thread type
M23
CA-06P1NA22S00X - Device connector front mounting
1243905
https://www.phoenixcontact.com/us/products/1243905
Sep 10, 2024, 4:30 AM
Page 2 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com