Electronic Components Datasheet Search
  English  ▼

X  

1418641 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1418641
Description  SACC-CI-M12FS-17P SMD SH-SP - Sample set
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1418641 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1418641 Datasheet HTML 1Page - PHOENIX CONTACT 1418641 Datasheet HTML 2Page - PHOENIX CONTACT 1418641 Datasheet HTML 3Page - PHOENIX CONTACT 1418641 Datasheet HTML 4Page - PHOENIX CONTACT 1418641 Datasheet HTML 5Page - PHOENIX CONTACT 1418641 Datasheet HTML 6Page - PHOENIX CONTACT 1418641 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Sample set, 17-position, Socket, straight, M12, coding: A, PCB mounting, SMD, Alternative
product in accordance with RoHS II without Exemption 6c (Pb < 0.1 %) item no.: 1239205
Commercial data
Item number
1418641
Packing unit
5 pc
Minimum order quantity
5 pc
Product key
ABQXAA
GTIN
4055626162942
Weight per piece (including packing)
7.66 g
Weight per piece (excluding packing)
7.66 g
Country of origin
DE
SACC-CI-M12FS-17P SMD SH-SP - Sample set
1418641
https://www.phoenixcontact.com/us/products/1418641
Sep 10, 2024, 4:29 AM
Page 1 (7)


Similar Part No. - 1418641

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1418642 PHOENIX-1418642 Datasheet
376Kb / 10P
SACC-CIP-M12MS-4P SMD SH-SP - Sample set
1418643 PHOENIX-1418643 Datasheet
262Kb / 7P
SACC-CIP-M12MS-4P SMD-SP - Sample set
1418644 PHOENIX-1418644 Datasheet
242Kb / 7P
SACC-CIP-M12MST-4P SMD SH-SP - Sample set
1418645 PHOENIX-1418645 Datasheet
261Kb / 7P
SACC-CIP-M12MS-5P SMD SH-SP - Contact carrier
1418648 PHOENIX-1418648 Datasheet
375Kb / 10P
SACC-CIP-M12MSB-5P SMD SH-SP - Contact carrier
More results

Similar Description - 1418641

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1424199 PHOENIX-1424199 Datasheet
305Kb / 8P
Flush-type connector - SACC-CI-M12FS-12CON-L90 SH
1424201 PHOENIX-1424201 Datasheet
281Kb / 7P
Flush-type connector - SACC-CI-M12FS-17CON-L90 SH
1551422 PHOENIX-1551422 Datasheet
909Kb / 18P
SACC-CI-M12FS-8CON-L180-THR SH - Contact insert
1457681 PHOENIX-1457681 Datasheet
789Kb / 18P
SACC-CI-M12FS-8CON-SH TOR 32 - Contact carrier
1411980 PHOENIX-1411980 Datasheet
769Kb / 15P
SACC-CI-M12FS-17P SMD R32 - Contact carrier
1412018 PHOENIX-1412018 Datasheet
793Kb / 16P
SACC-CI-M12FS-17P SMD SH R32 - Contact carrier
1411966 PHOENIX-1411966 Datasheet
876Kb / 15P
SACC-CI-M12FS-17P SMD SH T - Contact carrier
1411988 PHOENIX-1411988 Datasheet
660Kb / 13P
SACC-CI-M12MS-17P SMD R32 - Contact carrier
1239843 PHOENIX-1239843 Datasheet
627Kb / 15P
SACC-CI-M12FS-8CON-SH TOR 32X - Contact carrier
1239309 PHOENIX-1239309 Datasheet
464Kb / 13P
SACC-CI-M12MST-4CON-L180THR SH SPX - Sample set
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com