Electronic Components Datasheet Search
  English  ▼

X  

1418641 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1418641
Description  SACC-CI-M12FS-17P SMD SH-SP - Sample set
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1418641 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1418641 Datasheet HTML 1Page - PHOENIX CONTACT 1418641 Datasheet HTML 2Page - PHOENIX CONTACT 1418641 Datasheet HTML 3Page - PHOENIX CONTACT 1418641 Datasheet HTML 4Page - PHOENIX CONTACT 1418641 Datasheet HTML 5Page - PHOENIX CONTACT 1418641 Datasheet HTML 6Page - PHOENIX CONTACT 1418641 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical data
Notes
Notes on operation
The electrical and mechanical data specified assume that the
connector pair is correctly locked and mounted. If the connector
is unlocked and if there is a danger of contamination, the
connector must be sealed using a protective cap > IP54.
Influences arising from litz wires, cables or PCB assembly must
also be taken into consideration.
Product properties
Product type
Contact insert
Number of positions
17
Shielded
yes
Coding
A
Thread type
M12
Data management status
Article revision
01
Insulation characteristics
Overvoltage category
III
Degree of pollution
3
Electrical properties
Rated surge voltage
0.8 kV
Contact resistance
≤ 3 mΩ
Insulation resistance
≥ 100 MΩ
Nominal voltage UN
30 V
Nominal current IN
1.5 A
Connection data
Connection method
SMD
Material specifications
Flammability rating according to UL 94
V0
Contact material
CuZn
Contact surface material
Au
Contact carrier material
PA
Connector
Connection 1
Head design
Socket
Head cable outlet
straight
Head thread type
M12
Coding
A
SACC-CI-M12FS-17P SMD SH-SP - Sample set
1418641
https://www.phoenixcontact.com/us/products/1418641
Sep 10, 2024, 4:29 AM
Page 2 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com