Electronic Components Datasheet Search
  English  ▼

X  

UDA1320ATS Datasheet(PDF) 13 Page - NXP Semiconductors

Part # UDA1320ATS
Description  Low-cost stereo filter DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1320ATS Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button UDA1320ATS Datasheet HTML 9Page - NXP Semiconductors UDA1320ATS Datasheet HTML 10Page - NXP Semiconductors UDA1320ATS Datasheet HTML 11Page - NXP Semiconductors UDA1320ATS Datasheet HTML 12Page - NXP Semiconductors UDA1320ATS Datasheet HTML 13Page - NXP Semiconductors UDA1320ATS Datasheet HTML 14Page - NXP Semiconductors UDA1320ATS Datasheet HTML 15Page - NXP Semiconductors UDA1320ATS Datasheet HTML 16Page - NXP Semiconductors UDA1320ATS Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
2000 Jan 10
13
Philips Semiconductors
Preliminary specification
Low-cost stereo filter DAC
UDA1320ATS
15 AC CHARACTERISTICS
15.1
Analog
VDDD =VDDA = 3.3 V; fi = 1 kHz; Tamb =25 °C; RL =5kΩ. All voltages referenced to ground (pins 5 and 15) unless
otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
DAC
Vo(rms)
output voltage (RMS value)
−
1.0
−
V
∆V
o
unbalance between channels
−
0.1
−
dB
(THD + N)/S
total harmonic distortion plus
noise-to-signal ratio
at 0 dB
−−90
−85
dB
at
−60 dB; A-weighted
−−38
-35
dB
S/N
signal-to-noise ratio
code = 0; A-weighted
−
100
95
dB
αcs
channel separation
−
100
−
dB
PSRR
power supply ripple rejection
ratio
fripple = 1 kHz;
Vripple(p-p) = 100 mV
−
50
−
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com