Electronic Components Datasheet Search
  English  ▼

X  

UDA1320ATS Datasheet(PDF) 3 Page - NXP Semiconductors

Part # UDA1320ATS
Description  Low-cost stereo filter DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1320ATS Datasheet(HTML) 3 Page - NXP Semiconductors

  UDA1320ATS Datasheet HTML 1Page - NXP Semiconductors UDA1320ATS Datasheet HTML 2Page - NXP Semiconductors UDA1320ATS Datasheet HTML 3Page - NXP Semiconductors UDA1320ATS Datasheet HTML 4Page - NXP Semiconductors UDA1320ATS Datasheet HTML 5Page - NXP Semiconductors UDA1320ATS Datasheet HTML 6Page - NXP Semiconductors UDA1320ATS Datasheet HTML 7Page - NXP Semiconductors UDA1320ATS Datasheet HTML 8Page - NXP Semiconductors UDA1320ATS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
2000 Jan 10
3
Philips Semiconductors
Preliminary specification
Low-cost stereo filter DAC
UDA1320ATS
1
FEATURES
1.1
General
• Low power consumption.
• 2.7 to 3.6 V power supply.
• Selectable control via L3 microcontroller interface or via
static pin control.
• 256, 384 and 512fs system clock (fsys), selectable via
the L3 interface or 256 and 384fs clock mode via static
pin control
• supports sampling frequencies from 16kHz to 48kHz.
• Integrated digital filter plus non inverting DAC
Digital-to-Analog Converter (DAC).
• Easy application and no analog post filtering required for
DAC.
• Slave mode only applications.
• Small package size (SSOP16).
1.2
Multiple format input interface
• I2S-bus, MSB-justified and LSB-justified 16,18 and 20
bits format compatible (in L3-mode).
• I2S-bus and LSB-justified 16,18 and 20 bits format
compatible in static mode.
• 1fs input format data rate.
1.3
DAC digital sound processing
• Digital logarithmic volume control via L3.
• Digital de-emphasis for 32, 44.1 and 48 kHz fs via
L3 or 44.1 kHz fs via static pin control.
• Soft mute via static pin control or via L3 interface.
1.4
Advanced audio configuration
• Stereo line output (under L3 volume control)
• High linearity, wide dynamic range, low distortion.
2
APPLICATIONS
• Portable digital audio equipment, see Fig.8.
• Set-top boxes
3
GENERAL DESCRIPTION
The UDA1320ATS/N2 is a single-chip non inverting stereo
DAC employing bitstream conversion techniques. The low
power consumption and low voltage requirements make
the device eminently suitable for use in digital audio
equipment which incorporates playback functions.
The UDA1320ATS/N2 supports the I2S-bus data format
with word lengths of up to 20 bits, the MSB-justified data
format with word lengths of up to 20 bits and the
LSB-justified serial data format with word lengths of 16,
18 and 20 bits.
The UDA1320ATS/N2 can be used in two modes, either
L3-mode or static pin mode.
In the L3-mode, all digital sound processing features must
be controlled via the L3 interface, including the selection of
the system clock setting.
In the two static-modes, the UDA1320ATS/N2 can be
operated in the 256fs and 384fs system clock mode. The
mute, de-emphasis for 44.1 kHz and 4 digital input formats
(I2S and 16, 18, 20 bits LSB formats) can be selected via
static pins. The L3 interface cannot be used in this
application mode, also, volume control is not available in
this mode.
4
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
UDA1320ATS
SSOP16
plastic shrink small outline package; 16 leads; body width 4.4 mm
SOT369-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com