Electronic Components Datasheet Search
  English  ▼

X  

UDA1334TS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # UDA1334TS
Description  Low power audio DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1334TS Datasheet(HTML) 4 Page - NXP Semiconductors

  UDA1334TS Datasheet HTML 1Page - NXP Semiconductors UDA1334TS Datasheet HTML 2Page - NXP Semiconductors UDA1334TS Datasheet HTML 3Page - NXP Semiconductors UDA1334TS Datasheet HTML 4Page - NXP Semiconductors UDA1334TS Datasheet HTML 5Page - NXP Semiconductors UDA1334TS Datasheet HTML 6Page - NXP Semiconductors UDA1334TS Datasheet HTML 7Page - NXP Semiconductors UDA1334TS Datasheet HTML 8Page - NXP Semiconductors UDA1334TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1999 Nov 11
4
Philips Semiconductors
Preliminary specification
Low power audio DAC
UDA1334TS
5
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDDA
DAC analog supply voltage
1.8
2.0
3.6
V
VDDD
digital supply voltage
1.8
2.0
3.6
V
IDDA
DAC analog supply current
normal operation
−
2.1
−
mA
Sleep mode
−
150
−µA
IDDD
digital supply current
normal operation
−
1.2
−
mA
Sleep mode
−
50
−µA
Tamb
ambient temperature
−20
−
+85
°C
Digital-to-analog convertor (VDDA =VDDD = 2.0 V)
Vo(rms)
output voltage (RMS value)
at 0 dB (FS) digital input;
note 1
−
500
−
mV
(THD + N)/S
total harmonic
distortion-plus-noise to signal ratio
fs = 44.1 kHz; at 0 dB
−−80
−
dB
fs = 44.1 kHz; at −60 dB;
A-weighted
−−37
−
dB
fs = 96 kHz; at 0 dB
−−75
−
dB
fs = 96 kHz; at −60 dB;
A-weighted
−−35
−
dB
S/N
signal-to-noise ratio
fs = 44.1 kHz; code = 0;
A-weighted
−
97
−
dB
fs = 96 kHz; code = 0;
A-weighted
−
95
−
dB
MUTE = HIGH;
A-weighted
−
110
−
dB
α
cs
channel separation
−
100
−
dB
Digital-to-analog convertor (VDDA =VDDD = 3.0 V)
Vo(rms)
output voltage (RMS value)
at 0 dB (FS) digital input;
note 1
−
750
−
mV
(THD + N)/S
total harmonic
distortion-plus-noise to signal ratio
fs = 44.1 kHz; at 0 dB
−−90
−
dB
fs = 44.1 kHz; at −60 dB;
A-weighted
−−40
−
dB
fs = 96 kHz; at 0 dB
−−85
−
dB
fs = 96 kHz; at −60 dB;
A-weighted
−−37
−
dB
S/N
signal-to-noise ratio
fs = 44.1 kHz; code = 0;
A-weighted
−
100
−
dB
fs = 96 kHz; code = 0;
A-weighted
−
98
−
dB
MUTE = HIGH;
A-weighted
−
110
−
dB
αcs
channel separation
−
100
−
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com