Electronic Components Datasheet Search
  English  ▼

X  

UDA1334TS Datasheet(PDF) 13 Page - NXP Semiconductors

Part # UDA1334TS
Description  Low power audio DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1334TS Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button UDA1334TS Datasheet HTML 9Page - NXP Semiconductors UDA1334TS Datasheet HTML 10Page - NXP Semiconductors UDA1334TS Datasheet HTML 11Page - NXP Semiconductors UDA1334TS Datasheet HTML 12Page - NXP Semiconductors UDA1334TS Datasheet HTML 13Page - NXP Semiconductors UDA1334TS Datasheet HTML 14Page - NXP Semiconductors UDA1334TS Datasheet HTML 15Page - NXP Semiconductors UDA1334TS Datasheet HTML 16Page - NXP Semiconductors UDA1334TS Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1999 Nov 11
13
Philips Semiconductors
Preliminary specification
Low power audio DAC
UDA1334TS
Serial interface timing (see Fig.5)
fBCK
bit clock frequency
−−
64fs
Hz
tBCKH
bit clock HIGH time
50
−−
ns
tBCKL
bit clock LOW time
50
−−
ns
tr
rise time
−−
20
ns
tf
fall time
−−
20
ns
tsu(DATAI)
set-up time data input
20
−−
ns
th(DATAI)
hold time data input
0
−−
ns
tsu(WS)
set-up time word select
20
−−
ns
th(WS)
hold time word select
10
−−
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
handbook, full pagewidth
MGR984
Tsys
tCWH
tCWL
Fig.4 System clock timing.
handbook, full pagewidth
MGL880
tf
th(WS)
tsu(WS)
tsu(DATAI)
th(DATAI)
tBCKH
tBCKL
Tcy(BCK)
tr
WS
BCK
DATAI
Fig.5 Serial interface timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com