Electronic Components Datasheet Search
  English  ▼

X  

MP6545AGF Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP6545AGF
Description  45V, 2.5A, Simple Three-Phase Power Stage with Current Measurement
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6545AGF Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP6545AGF Datasheet HTML 8Page - Monolithic Power Systems MP6545AGF Datasheet HTML 9Page - Monolithic Power Systems MP6545AGF Datasheet HTML 10Page - Monolithic Power Systems MP6545AGF Datasheet HTML 11Page - Monolithic Power Systems MP6545AGF Datasheet HTML 12Page - Monolithic Power Systems MP6545AGF Datasheet HTML 13Page - Monolithic Power Systems MP6545AGF Datasheet HTML 14Page - Monolithic Power Systems MP6545AGF Datasheet HTML 15Page - Monolithic Power Systems MP6545AGF Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MP6545A
– SIMPLE THREE-PHASE POWER STAGE W/ CURRENT MEASUREMENT
MP6545A Rev. 1.1
MonolithicPower.com
12
5/12/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
FUNCTIONAL BLOCK DIAGRAM
Gate
Driver
Control
Logic
Internal
Supplies
and Ref.
Gate
Drive
Reg.
CPA
CPB
VCP
OUT1
VIN
MP6545A
ISENSE
OSC
UVLO,
OVP,
and OT
Shutdown
OCP
VIN
VIN
LSS3
VREG
HS3
nSLEEP
nFAULT
µC
LS1
LS2
HS1
HS2
LS3
nRESET
OUT2
OUT3
GND
LSS1
LSS2
Figure 2: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com