Electronic Components Datasheet Search
  English  ▼

X  

MP6545AGF Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP6545AGF
Description  45V, 2.5A, Simple Three-Phase Power Stage with Current Measurement
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6545AGF Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP6545AGF Datasheet HTML 10Page - Monolithic Power Systems MP6545AGF Datasheet HTML 11Page - Monolithic Power Systems MP6545AGF Datasheet HTML 12Page - Monolithic Power Systems MP6545AGF Datasheet HTML 13Page - Monolithic Power Systems MP6545AGF Datasheet HTML 14Page - Monolithic Power Systems MP6545AGF Datasheet HTML 15Page - Monolithic Power Systems MP6545AGF Datasheet HTML 16Page - Monolithic Power Systems MP6545AGF Datasheet HTML 17Page - Monolithic Power Systems MP6545AGF Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MP6545A
– SIMPLE THREE-PHASE POWER STAGE W/ CURRENT MEASUREMENT
MP6545A Rev. 1.1
MonolithicPower.com
14
5/12/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
Over-Voltage Protection (OVP)
If VIN exceeds the OVP threshold (VOVP), then
the outputs are disabled and nFAULT is pulled
low. The driver remains disabled until the
device is reset by pulling nRESET low, or
cycling the power on the MP6545A.
Input
Under-Voltage
Lockout
(UVLO)
Protection
If VIN falls below the under-voltage lockout
(UVLO) threshold (VUVLO), then all circuitry in
the device is disabled and the internal logic
resets. Once VIN exceeds VIN_UVLO, the device
starts up again and resumes normal operation.
Thermal Shutdown
If the die temperature exceeds safe limits, then
all the MOSFETs in the H-bridge are disabled
and nFAULT is pulled low. Once the die
temperature
returns
to
a
safe
level,
the
MP6545A automatically starts up again and
resumes normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com