Electronic Components Datasheet Search
  English  ▼

X  

MPM3632C Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MPM3632C
Description  18V Input, 3A Module, Synchronous, Forced CCM, Step-Down Converter with Integrated Inductor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3632C Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MPM3632C Datasheet HTML 12Page - Monolithic Power Systems MPM3632C Datasheet HTML 13Page - Monolithic Power Systems MPM3632C Datasheet HTML 14Page - Monolithic Power Systems MPM3632C Datasheet HTML 15Page - Monolithic Power Systems MPM3632C Datasheet HTML 16Page - Monolithic Power Systems MPM3632C Datasheet HTML 17Page - Monolithic Power Systems MPM3632C Datasheet HTML 18Page - Monolithic Power Systems MPM3632C Datasheet HTML 19Page - Monolithic Power Systems MPM3632C Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
MPM3632C – SYNCHRONOUS, STEP-DOWN MODULE W/ INTEGRATED INDUCTOR
MPM3632C Rev. 1.03
www.MonolithicPower.com
16
9/10/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider is used to set the
output voltage. Choose the R1 resistance. Then
calculate R2 with Equation (4):
OUT
R1
R2
V
1
0.8V
(4)
The feedback circuit is shown in Figure 6. See
Table 1 for a list of recommended feedback
network
parameters
for
common
output
voltages.
Figure 6: Feedback Network
Table 1: Recommended Parameters for Common Output Voltages
VIN
(V)
VOUT
(V)
R1
(kΩ)
R2
(kΩ)
Small Solution Size (CIN = 10μF,
COUT = 22μF/0805/16V)
Low VOUT Ripple (CIN = 10μF,
COUT = 2*22μF/0805/16V)
VOUT Ripple in
PWM (mV) (8)
VOUT Ripple on
Load Transient
(mV) (9)
VOUT Ripple in
PWM (mV) (8)
VOUT Ripple on
Load Transient
(mV) (9)
18
5
47
8.87
8
80
8
76
16
7.4
74
6.4
73
14
6.8
74
4.6
73
12
6.4
73
4
72
10
5.6
70
3.4
69
8
5
70
3.2
69
6 (9)
22.4
87
3.5
80
18
3.3
47
15
6.8
49
5
49
16
6.8
49
5.2
47
14
6.8
46
5.2
45
12
5.2
45
5
44
10
5
44
4.6
43
8
4.6
42
3.8
42
5 (9)
3.6
46
3.4
46
18
2.5
47
22
7.6
39
3.8
39
16
6.2
37
4.6
36
14
6
36
4.2
35
12
5.5
35
4
34
10
5
34
4
33
8
5.2
33
4
33
5
5.2
34
3.8
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com