Electronic Components Datasheet Search
  English  ▼

X  

MPM3632C Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MPM3632C
Description  18V Input, 3A Module, Synchronous, Forced CCM, Step-Down Converter with Integrated Inductor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3632C Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MPM3632C Datasheet HTML 9Page - Monolithic Power Systems MPM3632C Datasheet HTML 10Page - Monolithic Power Systems MPM3632C Datasheet HTML 11Page - Monolithic Power Systems MPM3632C Datasheet HTML 12Page - Monolithic Power Systems MPM3632C Datasheet HTML 13Page - Monolithic Power Systems MPM3632C Datasheet HTML 14Page - Monolithic Power Systems MPM3632C Datasheet HTML 15Page - Monolithic Power Systems MPM3632C Datasheet HTML 16Page - Monolithic Power Systems MPM3632C Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
MPM3632C – SYNCHRONOUS, STEP-DOWN MODULE W/ INTEGRATED INDUCTOR
MPM3632C Rev. 1.03
www.MonolithicPower.com
13
9/10/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
OPERATION
Pulse-Width Modulation (PWM) Operation
The
MPM3632C
is
a
fully
integrated,
synchronous, rectified, step-down, switch-mode
converter. Constant-on-time (COT) control is
employed to provide fast transient response
and ease loop stabilization. At the beginning of
each cycle, the high-side MOSFET (HS-FET) is
turned on if the feedback voltage (VFB) is below
the reference voltage (VREF), which indicates an
insufficient output voltage. The on period is
determined by both the output voltage and input
voltage to make the switching frequency fairly
constant over the input voltage range.
After the on period elapses, the HS-FET turns
off and is turned on again when VFB drops
below VREF. By repeating operation in this way,
the converter regulates the output voltage. The
integrated low-side MOSFET (LS-FET) is
turned on when the HS-FET is off to minimize
conduction loss. There is a dead short between
the input and GND if both the HS-FET and LS-
FET are turned on at the same time. This is
called a shoot-through. To avoid shoot-through,
a dead time (DT) is generated internally
between the HS-FET off and LS-FET on period
or the LS-FET off and HS-FET on period.
Internal compensation is applied for COT
control to provide a more stable operation, even
when ceramic capacitors are used as output
capacitors.
This
internal
compensation
improves jitter performance without affecting
line or load regulation.
Regular-Load Operation
Continuous conduction mode (CCM) is when
the output current is high and the inductor
current is always above zero amps (see Figure
2). When VFB is below VREF - VDC_ERROR, the HS-
FET is turned on for a fixed interval determined
by the internal one-shot on-timer. When the HS-
FET is turned off, the LS-FET is turned on until
the next period. In CCM, the switching
frequency is fairly constant. This is called pulse-
width modulation (PWM) operation.
V
REF-DC_ERROR
V
REF
Figure 2: Heavy-Load Operation
DC Auto-Tune Loop
The MPM3632C applies a DC auto-tune loop to
balance the DC error between VFB and VREF by
adjusting the comparator input reference to
make VFB always follow VREF. This is a slow
loop and improves the load and line regulation
without affecting the transient performance. The
relationship between VFB, VREF, and REF is
shown in Figure 3.
Figure 3: DC Auto-Tune Loop Operation
Internal Regulator
A 3.3V internal regulator powers most of the
internal circuitries. When EN is high, this
regulator takes VIN and operates in the full VIN
range. When VIN is higher than 3.3V, the
output of the regulator is in full regulation. When
VIN is lower than 3.3V, the output voltage
decreases and follows the input voltage.
Enable Control (EN)
EN is a digital control pin that turns the
regulator on and off. Drive EN high to turn on
the regulator. Drive EN low to turn off the
regulator. EN is a high-voltage input node, so
connecting EN to the input can enable the part
to start-up automatically. EN can support an
18V input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com