Electronic Components Datasheet Search
  English  ▼

X  

MPX2003GYT Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MPX2003GYT
Description  Up to 140kHz All-in-One Flyback Controller with Integrated Primary Control Circuitry and Secondary Synchronous Rectification Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPX2003GYT Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MPX2003GYT Datasheet HTML 2Page - Monolithic Power Systems MPX2003GYT Datasheet HTML 3Page - Monolithic Power Systems MPX2003GYT Datasheet HTML 4Page - Monolithic Power Systems MPX2003GYT Datasheet HTML 5Page - Monolithic Power Systems MPX2003GYT Datasheet HTML 6Page - Monolithic Power Systems MPX2003GYT Datasheet HTML 7Page - Monolithic Power Systems MPX2003GYT Datasheet HTML 8Page - Monolithic Power Systems MPX2003GYT Datasheet HTML 9Page - Monolithic Power Systems MPX2003GYT Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
MPX2003
– UP TO 140kHz ALL-IN-ONE FLYBACK CONTROLLER
MPX2003 Rev. 1.0
MonolithicPower.com
6
8/5/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
Typical values tested at TJ = -40°C to +125°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Insulation
Isolation voltage
VISO
50Hz/60Hz
3.75
kVRMS
Primary Side (HV)
Breakdown voltage
VHV-BD
TJ = 25°C
650
V
Leakage current from HV
IHV-LK
VHV = 500VDC
7
11
µA
Supply current from HV
IHV-SP1
VCC = 12V, VHV = 80V, TJ = 25°C
4.5
5.5
6.5
mA
VCC = 12V, VHV = 80V, TJ = 105°C
3.1
3.8
4.6
IHV-SP2
VCC = 1.5V, VHV = 80V, TJ = 25°C
3.7
VCC = 1.5V, VHV = 80V,
TJ = 105°C
3.1
Brown-in threshold voltage
VHV-ON
95
107
120
V
Brownout threshold voltage
VHV-OFF
85
98
110
V
Brown-in/out hysteresis
VHV-
8.5
V
Delay time for brownout
tBO
45
55
67
ms
Primary Side (VCC)
IHV-SP turn-off voltage
VCC-IOFF
13
14.5
16
V
Minimum operation voltage
VCC-MIN
7.3
8.3
9.3
V
VCC-IOFF - VCC-MIN
VCC-STW
5.2
6.2
7.2
V
Auto-recovery protection
level
VCC-AUT
4.9
5.5
6.1
V
Over-voltage protection
(OVP) level
VCC-OVP
24
26
28
V
VCC OVP delay time
tVCC-OVP
32
µs
Operating current
IOP
VCC = 15V, fSW = 140kHz,
CL = 1nF
5
mA
Operating current during a
protection
IOP-PRO
VCC = 10V, except B/O
120
µA
VCC = 10V, B/O
1
mA
Quiescent current
IQ
VCC = 12V
500
µA
Primary Side (PDRV)
Driver voltage high level
VHIGH
CL = 1nF, VCC = VCC-MIN + 0.1V
5.8
V
CL = 1nF, VCC = 12V
9.6
V
Driver voltage clamp level
VCLAMP
CL = 1nF, VCC = 24V
11.5
14.5
16
V
Driver voltage low level
VLOW
CL = 1nF
100
mV
Driver voltage rising time
tRISE
CL = 1nF
20
ns
Driver voltage falling time
tFALL
CL = 1nF
18
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com