Electronic Components Datasheet Search
  English  ▼

X  

MPX2003GYT Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MPX2003GYT
Description  Up to 140kHz All-in-One Flyback Controller with Integrated Primary Control Circuitry and Secondary Synchronous Rectification Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPX2003GYT Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MPX2003GYT Datasheet HTML 3Page - Monolithic Power Systems MPX2003GYT Datasheet HTML 4Page - Monolithic Power Systems MPX2003GYT Datasheet HTML 5Page - Monolithic Power Systems MPX2003GYT Datasheet HTML 6Page - Monolithic Power Systems MPX2003GYT Datasheet HTML 7Page - Monolithic Power Systems MPX2003GYT Datasheet HTML 8Page - Monolithic Power Systems MPX2003GYT Datasheet HTML 9Page - Monolithic Power Systems MPX2003GYT Datasheet HTML 10Page - Monolithic Power Systems MPX2003GYT Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
MPX2003
– UP TO 140kHz ALL-IN-ONE FLYBACK CONTROLLER
MPX2003 Rev. 1.0
MonolithicPower.com
7
8/5/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
Typical values tested at TJ = -40°C to +125°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Maximum switching
frequency
fSW-MAX
110
kHz
Maximum on time
tON-MAX
6.5
µs
Minimum off time
tOFF-MIN
1000
ns
Time to trigger primary OCP
tOCP
45
55
68
ms
Minimal switching frequency
during soft start
fSW-SOFT
10
kHz
Primary Side (CS)
Soft-start duration
tSOFT
9.6
ms
Threshold for SCP
VSCP
0.595
0.635
0.675
V
Second SCP blanking time
tSCP2
90
µs
Maximum peak current
limitation
VIPK-MAX
0.384
0.4
0.416
V
Minimum peak current
limitation
VIPK-MIN
0.1
V
Jittering amplitude
∆VIPK
VIPK = VIPK-MAX
±2.9%
VIPK-MAX
Jittering period (5)
256
cycles
fSW at which IPK foldback
begins
fSW-H
60
kHz
Slope of the compensation
ramp
SRAMP
25
mV/µs
LEB for current limitation
tLEB-L
400
ns
LEB for SCP
tLEB-S
250
ns
∆IHVCS / ∆VHV Ratio
KHVCS
0.53
µA/V
CS sourcing current
IHVCS
VHV = 200V, VIPK = VIPK-MAX,
TJ = 25°C
36
µA
VHV = 375V, VIPK = VIPK-MAX,
TJ = 25°C
100
126
152
VIPK (below which line
compensation completely
removed) (5)
VLC-END
0.15
V
Detection time for CS short
tSSP
3
4.5
6
µs
Threshold for CS short
VCSS
During the soft-start period
50
mV
Primary Side (PEP)
Sourcing current from PEP
IPEP
VPEP = 0.5V
110
µA
Protection trigger threshold
VPEP-T
0.425
0.5
0.575
V
Protection trigger delay
tPEP-T
300
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com