Electronic Components Datasheet Search
  English  ▼

X  

UDA1341TS Datasheet(PDF) 13 Page - NXP Semiconductors

Part # UDA1341TS
Description  Economy audio CODEC for MiniDisc MD home stereo and portable applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1341TS Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button UDA1341TS Datasheet HTML 9Page - NXP Semiconductors UDA1341TS Datasheet HTML 10Page - NXP Semiconductors UDA1341TS Datasheet HTML 11Page - NXP Semiconductors UDA1341TS Datasheet HTML 12Page - NXP Semiconductors UDA1341TS Datasheet HTML 13Page - NXP Semiconductors UDA1341TS Datasheet HTML 14Page - NXP Semiconductors UDA1341TS Datasheet HTML 15Page - NXP Semiconductors UDA1341TS Datasheet HTML 16Page - NXP Semiconductors UDA1341TS Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
1998 Dec 18
13
Philips Semiconductors
Preliminary specification
Economy audio CODEC for MiniDisc (MD)
home stereo and portable applications
UDA1341TS
7.21
Programming the sound processing and other
features
The sound processing and other feature values are stored
in independent registers.
The first selection of the registers is achieved by the choice
of data type that is transferred. This is performed in the
address mode using bit 0 and bit 1 (see Table 4).
The second selection is performed by the 2 or 3 MSBs of
the data byte (bits 7 and 6 or bits 7, 6 and 5).
The other bits in the data byte (bits 5 to 0 or bits 4 to 0)
represent the value that is placed in the selected registers.
For the UDA1341TS the following modes can be selected:
• STATUS
In this mode the features reset, system clock frequency,
data input format, DC-filter, input gain switch, output
gain switch, polarity control, double speed and power
control can be controlled.
• DATA0
There are two addressing modes: direct addressing
mode and extended addressing mode.
Direct addressing mode is using the 2 MSB bits of the
data byte. Via this addressing mode the features
volume, bass boost, treble, peak position, de-emphasis,
mute, and mode can be controlled directly.
Extended addressing mode is provided for controlling
the features digital mixer, AGC control, MIC sensitivity,
input gain, AGC time constants, and AGC output level.
An extended address can be set via the EA registers
(3 bits). The data in the extended registers can be set by
writing data to the ED registers (5 bits).
• DATA1
In this mode the detected peak level value can be read
out.
Table 5
Default settings
SYMBOL
FEATURE
SETTING OR VALUE
Status
OGS
Output gain switch
0 dB
IGS
Input gain switch
0 dB
PAD
Polarity of ADC
non-inverting
PDA
Polarity of DAC
non-inverting
DS
Double speed
single speed
PC
Power control ADC and DAC
on
Direct control
VC
Volume control
0 dB
BB
Bass boost
0 dB
TR
Treble
0 dB
PP
Peak detection position
after the tone features
DE
De-emphasis
no de-emphasis
MT
Mute
no mute
M
Mode switch
flat
Extended programming
MA
Mixer gain channel 1
−6dB
MB
Mixer gain channel 2
−6dB
MS
MIC sensitivity
0 dB
MM
Mixer mode switch
double differential
AG
AGC control
disable AGC
AT
AGC attack and decay time
11 ms and100 ns
AL
AGC output level
−9dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com