Electronic Components Datasheet Search
  English  ▼

X  

UDA1341TS Datasheet(PDF) 21 Page - NXP Semiconductors

Part # UDA1341TS
Description  Economy audio CODEC for MiniDisc MD home stereo and portable applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1341TS Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button UDA1341TS Datasheet HTML 17Page - NXP Semiconductors UDA1341TS Datasheet HTML 18Page - NXP Semiconductors UDA1341TS Datasheet HTML 19Page - NXP Semiconductors UDA1341TS Datasheet HTML 20Page - NXP Semiconductors UDA1341TS Datasheet HTML 21Page - NXP Semiconductors UDA1341TS Datasheet HTML 22Page - NXP Semiconductors UDA1341TS Datasheet HTML 23Page - NXP Semiconductors UDA1341TS Datasheet HTML 24Page - NXP Semiconductors UDA1341TS Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
1998 Dec 18
21
Philips Semiconductors
Preliminary specification
Economy audio CODEC for MiniDisc (MD)
home stereo and portable applications
UDA1341TS
8
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134); VDDD =VDDA = 3 V; all voltages measured with
respect to ground; Tamb =25 °C; unless otherwise specified.
Notes
1. All VDD and VSS connections must be made to the same power supply.
2. Equivalent to discharging a 100 pF capacitor via a 1.5 k
Ω series resistor.
3. Equivalent to discharging a 200 pF capacitor via a 2.5
µH series inductor.
9
THERMAL CHARACTERISTICS
10 DC CHARACTERISTICS
VDDD =VDDA =3V; Tamb =25 °C; RL =5kΩ; all voltages measured with respect to ground (pins 1, 11 and 27); unless
otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD
supply voltage
note 1
−
5.0
V
Txtal(max)
maximum crystal temperature
−
150
°C
Tstg
storage temperature
−65
+125
°C
Tamb
operating ambient temperature
−20
+85
°C
Ves
electrostatic handling
note 2
−2000
+2000
V
note 3
−250
+250
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
90
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDDA(ADC) ADC analog supply voltage
note 1
2.4
3.0
3.6
V
VDDA(DAC) DAC analog supply voltage
note 1
2.4
3.0
3.6
V
VDDD
digital supply voltage
note 1
2.4
3.0
3.6
V
IDDA(ADC)
ADC analog supply current
operation mode
−
12.5
−
mA
ADC power-down
−
6.0
−
mA
IDDA(DAC)
DAC analog supply current
operation mode
−
7.0
−
mA
DAC power-down
−
50
−µA
IDDD
digital supply current
operation mode
−
7.0
−
mA
DAC power-down
−
4.0
−
mA
ADC power-down
−
3.0
−
mA
Digital input pins
VIH
HIGH-level input voltage
0.8VDDD
−
VDDD + 0.5 V
VIL
LOW-level input voltage
−0.5
−
0.2VDDD
V
|ILI|
input leakage current
−−
10
µA
Ci
input capacitance
−−
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com