Electronic Components Datasheet Search
  English  ▼

X  

CS4349 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS4349
Description  192 kHz DAC w/ Volume Control and 1 Vrms @ 3.3 V
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4349 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS4349 Datasheet HTML 25Page - Cirrus Logic CS4349 Datasheet HTML 26Page - Cirrus Logic CS4349 Datasheet HTML 27Page - Cirrus Logic CS4349 Datasheet HTML 28Page - Cirrus Logic CS4349 Datasheet HTML 29Page - Cirrus Logic CS4349 Datasheet HTML 30Page - Cirrus Logic CS4349 Datasheet HTML 31Page - Cirrus Logic CS4349 Datasheet HTML 32Page - Cirrus Logic CS4349 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
DS782F1
29
CS4349
8. REGISTER DESCRIPTION
** All register access is R/W unless specified otherwise**
8.1
Device and Revision ID - Register 01h
Function:
This register is Read-Only. It is decoded as follows:
8.2
Mode Control - Register 02h
8.2.1
Digital Interface Format (DIF[2:0]) Bits 6-4
Function:
These bits select the interface format for the serial audio input.
The required relationship between the Left/Right clock, serial clock and serial data is defined by the Digital
Interface Format and the options are detailed in Figures 11-13.
7
6
5
432
10
Device4
Device3
Device2
Device1
Device0
Rev2
Rev1
Rev0
11
11
-
-
-
-
Rev
Register 01h contents
A
1111,0000
B
1111,0001
C2
1111,1111
7
6
5
432
10
Reserved
DIF2
DIF1
DIF0
DEM1
DEM0
FM1
FM0
0
0
0
000
00
DIF2
DIF1
DIF0
Description
Format
Figure
000
Left-Justified, up to 24-bit data
0
(Default)
11
001
I²S, up to 24-bit data
1
12
010
Right-Justified, 16-bit data
2
13
011
Right-Justified, 24-bit data
3
13
100
TDM slot 0
4
15
101
TDM slot 1
5
15
110
TDM slot 2
6
15
111
TDM slot 3
7
15
Table 3. Digital Interface Formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com