Electronic Components Datasheet Search
  English  ▼

X  

CS4349 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS4349
Description  192 kHz DAC w/ Volume Control and 1 Vrms @ 3.3 V
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4349 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS4349 Datasheet HTML 28Page - Cirrus Logic CS4349 Datasheet HTML 29Page - Cirrus Logic CS4349 Datasheet HTML 30Page - Cirrus Logic CS4349 Datasheet HTML 31Page - Cirrus Logic CS4349 Datasheet HTML 32Page - Cirrus Logic CS4349 Datasheet HTML 33Page - Cirrus Logic CS4349 Datasheet HTML 34Page - Cirrus Logic CS4349 Datasheet HTML 35Page - Cirrus Logic CS4349 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
32
DS782F1
CS4349
8.4
Mute Control - Register 04h
8.4.1
Auto-Mute (AMUTE) Bit 7
Function:
When set to 1 (default), the Digital-to-Analog converter output will mute following the reception of 8192
consecutive audio samples of static 0 or -1. A single sample of non-static data will release the mute. De-
tection and muting is done independently for each channel. The quiescent voltage on the output will be
retained, and the Mute Control pin will go active during the mute period.
When set to 0, this function is disabled
8.4.2
AMUTEC = BMUTEC (MUTEC A=B) Bit 5
Function:
When set to 0 (default), the AMUTEC and BMUTEC pins operate independently.
When set to 1, the individual controls for AMUTEC and BMUTEC are internally connected through an
AND gate prior to the output pins. Therefore, the external AMUTEC and BMUTEC pins go active only
when the requirements for both AMUTEC and BMUTEC are valid.
8.4.3
Channel A Mute (MUTE_A) Bit 4 & Channel B Mute (MUTE_B) Bit 3
Function:
When set to 1, the Digital-to-Analog converter output will mute. The quiescent voltage on the output will
be retained. The muting function is effected, similar to attenuation changes, by the Soft and Zero Cross
bits in the Volume and Mixing Control register. The corresponding MUTEC pin will go active following any
ramping due to the soft and zero cross function.
When set to 0 (default), this function is disabled.
1
000
aL
MUTE
1
001
aL
bR
1
0
1
0
aL
bL
1
0
1
1
aL
b[(L+R)/2]
1
1
0
0
a[(L+R)/2]
MUTE
1
1
0
1
a[(L+R)/2]
bR
1
1
1
0
a[(L+R)/2]
bL
1
1
1
1
a[(L+R)/2]
b[(L+R)/2]
76
543
21
0
AMUTE
Reserved
MUTEC A=B
MUTE_A
MUTE_B
Reserved
Reserved
Reserved
10
000
00
0
ATAPI_A1 ATAPI_A0 ATAPI_B1 ATAPI_B0
AOUTA
AOUTB
Table 4. ATAPI Decode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com