Electronic Components Datasheet Search
  English  ▼

X  

CS4360-KZ Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS4360-KZ
Description  24-Bit, 192 kHz 6 Channel D/A Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4360-KZ Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS4360-KZ Datasheet HTML 18Page - Cirrus Logic CS4360-KZ Datasheet HTML 19Page - Cirrus Logic CS4360-KZ Datasheet HTML 20Page - Cirrus Logic CS4360-KZ Datasheet HTML 21Page - Cirrus Logic CS4360-KZ Datasheet HTML 22Page - Cirrus Logic CS4360-KZ Datasheet HTML 23Page - Cirrus Logic CS4360-KZ Datasheet HTML 24Page - Cirrus Logic CS4360-KZ Datasheet HTML 25Page - Cirrus Logic CS4360-KZ Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
CS4360
22
DS517F2
*Requires MCLKDIV bit = 1 in the Mode Control 2 register (address 0Ch)
4.3
Digital Interface Format
The device will accept audio samples in 1 of 4 digital interface formats in Stand-alone mode, as illustrated
in Table 6, and 1 of 6 formats in Control Port mode, as illustrated in Table 8.
4.3.1
Stand-Alone Mode
The desired format is selected via the DIF1 and DIF0 pins. For an illustration of the required relationship
between the LRCK, SCLK and SDIN, see Figures 15-17.
Sample Rate
(kHz)
MCLK (MHz)
64x
96x
128x
192x
256x*
176.4
11.2896
16.9344
22.5792
33.8688
45.1584
192
12.2880
18.4320
24.5760
36.8640
49.1520
Table 5. Quad-speed Mode Standard Frequencies
DIF1
DIF0
DESCRIPTION
FORMAT
FIGURE
00
Left Justified, up to 24-bit Data
016
01
I2S, up to 24-bit Data
115
10
Right Justified, 16-bit Data
217
11
Right Justified, 24-bit Data
317
Table 6. Digital Interface Format - Stand-alone Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com