Electronic Components Datasheet Search
  English  ▼

X  

CS4360-KZ Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS4360-KZ
Description  24-Bit, 192 kHz 6 Channel D/A Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4360-KZ Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS4360-KZ Datasheet HTML 19Page - Cirrus Logic CS4360-KZ Datasheet HTML 20Page - Cirrus Logic CS4360-KZ Datasheet HTML 21Page - Cirrus Logic CS4360-KZ Datasheet HTML 22Page - Cirrus Logic CS4360-KZ Datasheet HTML 23Page - Cirrus Logic CS4360-KZ Datasheet HTML 24Page - Cirrus Logic CS4360-KZ Datasheet HTML 25Page - Cirrus Logic CS4360-KZ Datasheet HTML 26Page - Cirrus Logic CS4360-KZ Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
CS4360
DS517F2
23
4.3.2
Control Port Mode
The desired format is selected via the DIF2, DIF1 and DIF0 bits in the Mode Control 2 register (see section
6.1.2). For an illustration of the required relationship between LRCK, SCLK and SDIN, see Figures 15-17.
4.4
De-Emphasis Control
The device includes on-chip digital de-emphasis. Figure 18 shows the de-emphasis curve for Fs equal to
44.1 kHz. The frequency response of the de-emphasis curve will scale proportionally with changes in
sample rate, Fs.
Notes: De-emphasis is only available in Single-speed Mode.
LR C K
SC L K
Left C hannel
R ig ht C hannel
SD IN
+3 +2 +1
+5 +4
MS B
-1 - 2 -3 -4 -5
+3 +2 +1
+5 +4
-1 -2 -3 -4
LS B
MS B
LS B
Figure 15. Left Justified up to 24-Bit Data
LR C K
SC L K
Left C hannel
R ig ht C hannel
SD IN
+3 +2 +1
+5 +4
MS B
-1 - 2 -3 -4 -5
+3 +2 +1
+5 +4
-1 -2 - 3 -4
MS B
LS B
LS B
Figure 16. I2S, up to 24-Bit Data
LRCK
SC LK
Left C hannel
SDIN
+6 +5 +4 +3
+2 +1
+7
-1 -2 -3 -4 -5
LS B
Right Cha nnel
MSB
LS B
+6 +5 +4 +3 +2 +1
+7
-1 -2 -3 -4 -5
MSB
LSB
Figure 17. Right Justified Data
Gain
dB
-10dB
0dB
Frequency
T2 = 15 µs
T1=50 µs
F1
F2
3.183 kHz
10.61 kHz
Figure 18. De-emphasis Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com