Electronic Components Datasheet Search
  English  ▼

X  

CDB4351 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CDB4351
Description  192 kHz Stereo DAC with 2 Vrms Line Out
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4351 Datasheet(HTML) 5 Page - Cirrus Logic

  CDB4351 Datasheet HTML 1Page - Cirrus Logic CDB4351 Datasheet HTML 2Page - Cirrus Logic CDB4351 Datasheet HTML 3Page - Cirrus Logic CDB4351 Datasheet HTML 4Page - Cirrus Logic CDB4351 Datasheet HTML 5Page - Cirrus Logic CDB4351 Datasheet HTML 6Page - Cirrus Logic CDB4351 Datasheet HTML 7Page - Cirrus Logic CDB4351 Datasheet HTML 8Page - Cirrus Logic CDB4351 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
DS566F1
5
CS4351
1. PIN DESCRIPTION
Pin Name
#
Pin Description
SDIN
1
Serial Audio Data Input (Input) - Input for two’s complement serial audio data.
SCLK
2
Serial Clock (Input) - Serial clock for the serial audio interface.
LRCK
3
Left / Right Clock (Input) - Determines which channel, Left or Right, is currently active on the serial
audio data line.
MCLK
4
Master Clock (Input) - Clock source for the delta-sigma modulator and digital filters.
VD
5
Digital Power (Input) - Positive power supply for the digital section.
GND
6
16
Ground (Input) - Ground reference.
RST
10
Reset (Input) - Powers down device and resets all internal resisters to their default settings when
enabled.
VA
11
Low Voltage Analog Power (Input) - Positive power supply for the analog section.
VBIAS
12
Positive Voltage Reference (Output) - Positive reference voltage for the internal DAC.
VQ
13
Quiescent Voltage (Output) - Filter connection for internal quiescent voltage.
VA_H
17
High Voltage Analog Power (Input) - Positive power supply for the analog section.
VL
20
Serial Audio Interface Power (Input) - Positive power for the serial audio interface
BMUTEC
AMUTEC
14
19
Mute Control (Output) - Control signal for optional mute circuit.
AOUTB
AOUTA
15
18
Analog Outputs (Output) - The full scale analog line output level is specified in the Analog Character-
istics table.
Control Port Definitions
SCL/CCLK
7
Serial Control Port Clock (Input) - Serial clock for the control port interface.
SDA/CDIN
8
Serial Control Data (Input/Output) - Input/Output for I²C data. Input for SPI data.
AD0/CS
9
Address Bit 0 / Chip Select (Input) - Chip address bit in I²C Mode. Control Port enable in SPI Mode.
Stand-Alone Definitions
DIF0
DIF1
8
7
Digital Interface Format (Input) - Defines the required relationship between the Left Right Clock,
Serial Clock, and Serial Audio Data.
DEM
9
De-emphasis (Input) - Selects the standard 15
µs/50 µs digital de-emphasis filter response for 44.1
kHz sample rates
SDIN
VL
SCLK
AMUTEC
LRCK
AOUTA
MCLK
VA_H
VD
GND
GND
AOUTB
DIF1(SCL/CCLK)
BMUTEC
DIF0(SDA/CDIN)
VQ
DEM(AD0/CS)
VBIAS
RST
VA
1
2
3
4
5
6
7
8
9
10
11
12
17
18
19
20
13
14
15
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com