Electronic Components Datasheet Search
  English  ▼

X  

CDB4351 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CDB4351
Description  192 kHz Stereo DAC with 2 Vrms Line Out
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4351 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CDB4351 Datasheet HTML 5Page - Cirrus Logic CDB4351 Datasheet HTML 6Page - Cirrus Logic CDB4351 Datasheet HTML 7Page - Cirrus Logic CDB4351 Datasheet HTML 8Page - Cirrus Logic CDB4351 Datasheet HTML 9Page - Cirrus Logic CDB4351 Datasheet HTML 10Page - Cirrus Logic CDB4351 Datasheet HTML 11Page - Cirrus Logic CDB4351 Datasheet HTML 12Page - Cirrus Logic CDB4351 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
DS566F1
9
CS4351
COMBINED INTERPOLATION & ON-CHIP ANALOG FILTER RESPONSE
(Continued)
Notes:
2.
Slow Roll-off interpolation filter is only available in Control Port mode.
3.
Response is clock dependent and will scale with Fs.
4.
For Single-Speed Mode, the Measurement Bandwidth is from stopband to 3 Fs.
For Double-Speed Mode, the Measurement Bandwidth is from stopband to 3 Fs.
For Quad-Speed Mode, the Measurement Bandwidth is from stopband to 1.34 Fs.
5.
De-emphasis is available only in Single-Speed Mode; Only 44.1 kHz De-emphasis is available in Stand-
Alone Mode.
6.
Amplitude vs. Frequency plots of this data are available in the “Digital Filter Response Plots” on
page 31.
Parameter
Slow Roll-Off (Note 2)
Unit
Min
Typ
Max
Single-Speed Mode - 48 kHz
Passband (Note 3)
to -0.01 dB corner
to -3 dB corner
0
0
-
-
0.417
0.499
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-0.01
-
+0.01
dB
StopBand
.583
-
-
Fs
StopBand Attenuation
(Note 4)
64
-
-
dB
Total Group Delay (Fs = Output Sample Rate)
-
6.5/Fs
-
s
Intra-channel Phase Deviation
-
-
±0.14/Fs
s
Inter-channel Phase Deviation
-
-
0
s
De-emphasis Error (Note 5)
Fs = 32 kHz
(Relative to 1 kHz)
Fs = 44.1 kHz
Fs = 48 kHz
-
-
-
-
-
-
±0.23
±0.14
±0.09
dB
dB
dB
Double-Speed Mode - 96 kHz
Passband (Note 3))
to -0.01 dB corner
to -3 dB corner
0
0
-
-
.296
.499
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-0.01
-
0.01
dB
StopBand
.792
-
-
Fs
StopBand Attenuation
(Note 4)
70
-
-
dB
Total Group Delay (Fs = Output Sample Rate)
-
3.9/Fs
-
s
Intra-channel Phase Deviation
-
-
±0.01/Fs
s
Inter-channel Phase Deviation
-
-
0
s
Quad-Speed Mode - 192 kHz
Passband (Note 3))
to -0.01 dB corner
to -3 dB corner
0
0
-
-
.104
.481
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-0.01
-
0.01
dB
StopBand
.868
-
-
Fs
StopBand Attenuation
(Note 4)
75
-
-
dB
Group Delay
-
4.2/Fs
-
s
Intra-channel Phase Deviation
-
±0.01/Fs
s
Inter-channel Phase Deviation
-
-
0
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com