Electronic Components Datasheet Search
  English  ▼

X  

CS4352 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS4352
Description  192 kHz Stereo DAC with 2 Vrms Line Out
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4352 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS4352 Datasheet HTML 8Page - Cirrus Logic CS4352 Datasheet HTML 9Page - Cirrus Logic CS4352 Datasheet HTML 10Page - Cirrus Logic CS4352 Datasheet HTML 11Page - Cirrus Logic CS4352 Datasheet HTML 12Page - Cirrus Logic CS4352 Datasheet HTML 13Page - Cirrus Logic CS4352 Datasheet HTML 14Page - Cirrus Logic CS4352 Datasheet HTML 15Page - Cirrus Logic CS4352 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
DS684F2
CS4352
4.3
Digital Interface Format
The device will accept audio samples in 1 of 4 digital interface formats, as illustrated in Table 5.
The desired format is selected via the DIF1 and DIF0 pins. For an illustration of the required relationship
between the LRCK, SCLK and SDIN, see Figures 3-5. For all formats, SDIN is valid on the rising edge of
SCLK. Also, SCLK must have at least 32 cycles per LRCK period in format 2 and 48 cycles per LRCK period
in format 3.
For more information about serial audio formats, refer to Cirrus Logic Application Note AN282: The 2-Chan-
nel Serial Audio Interface: A Tutorial, available at www.cirrus.com.
Table 5. Digital Interface Format
Figure 3. I²S, up to 24-Bit Data
Figure 4. Right-Justified Data
Figure 5. Left-Justified up to 24-Bit Data
DIF1
DIF0
DESCRIPTION
FORMAT
FIGURE
00
I²S, up to 24-bit Data
0
3
01
Right-Justified, 24-bit Data
1
4
10
Left-Justified, up to 24-bit Data
2
5
11
Right-Justified, 16-bit Data
3
4
LR C K
SCL K
Le ft C h a n n e l
Rig h t Ch an n e l
SD IN
+3 +2 +1
+5 +4
MS B
-1 -2 -3 -4 -5
+3 +2 +1
+5 +4
-1 -2 -3 -4
MS B
LS B
LS B
L RCK
SC LK
Le ft C h a n n e l
SD IN
-6 -5 -4 -3 -2 -1
-7
+1 +2 +3 +4 +5
MS B
R ig h t C ha nn el
LS B
MS B
+1 +2 +3 +4 +5
LS B
-6 -5 -4 -3 -2 -1
-7
MS B
LR C K
SC L K
Left C ha nnel
R ig h t C ha n nel
SDIN
+3 +2 +1
+5 +4
MS B
-1 -2 -3 -4 -5
+3 +2 +1
+5 +4
-1 -2 -3 -4
LSB
MSB
LS B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com