Electronic Components Datasheet Search
  English  ▼

X  

CS4352 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS4352
Description  192 kHz Stereo DAC with 2 Vrms Line Out
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4352 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS4352 Datasheet HTML 10Page - Cirrus Logic CS4352 Datasheet HTML 11Page - Cirrus Logic CS4352 Datasheet HTML 12Page - Cirrus Logic CS4352 Datasheet HTML 13Page - Cirrus Logic CS4352 Datasheet HTML 14Page - Cirrus Logic CS4352 Datasheet HTML 15Page - Cirrus Logic CS4352 Datasheet HTML 16Page - Cirrus Logic CS4352 Datasheet HTML 17Page - Cirrus Logic CS4352 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
DS684F2
CS4352
4.7
Popguard Transient Control
The CS4352 uses a novel technique to minimize the effects of output transients during power-up and power-
down. This technology, when used with external DC-blocking capacitors in series with the audio outputs,
minimizes the audio transients commonly produced by single-ended, single-supply converters. It is activat-
ed inside the DAC when the RST pin is toggled and requires no other external control, aside from choosing
the appropriate DC-blocking capacitors.
4.7.1
Power-Up
When the device is initially powered-up, the audio outputs, AOUTA and AOUTB, are clamped to GND.
Following a delay of approximately 1000 sample periods, each output begins to ramp toward the quies-
cent voltage. Approximately 10,000 LRCK cycles later, the outputs reach VQ and audio output begins.
This gradual voltage ramping allows time for the external DC-blocking capacitors to charge to the quies-
cent voltage, minimizing audible power-up transients.
4.7.2
Power-Down
To prevent audible transients at power-down, the device must first enter its power-down state. When this
occurs, audio output ceases, and the internal output buffers are disconnected from AOUTA and AOUTB.
In their place, a soft-start current sink is substituted that allows the DC-blocking capacitors to slowly dis-
charge. Once this charge is dissipated, the power to the device may be turned off, and the system is ready
for the next power-on.
4.7.3
Discharge Time
To prevent an audio transient at the next power-on, the DC-blocking capacitors must fully discharge be-
fore turning on the power or exiting the power-down state. If full discharge does not occur, a transient will
occur when the audio outputs are initially clamped to GND. The time that the device must remain in the
power-down state is related to the value of the DC-blocking capacitance and the output load. For example,
with a 3.3 µF capacitor, the minimum power-down time will be approximately 0.4 seconds.
4.8
Mute Control
The Mute Control pins go active during power-up initialization, reset, muting, or if the MCLK to LRCK ratio
is incorrect. These pins are intended to be used as control for external mute circuits to prevent the clicks
and pops that can occur in any single-ended, single-supply system.
Use of the Mute Control function is not mandatory but recommended for designs requiring the absolute min-
imum in extraneous clicks and pops. Also, use of the Mute Control function can enable the system designer
to achieve idle channel noise/signal-to-noise ratios which are only limited by the external mute circuit.
Please see the CDB4352 data sheet for a suggested mute circuit for dual-supply systems. Alternately, the
FET muting circuit from the CS4351 data sheet may be used as well. This FET circuit must be placed in
series after the RC filter; otherwise noise may occur during muting conditions. Further ESD protection will
need to be taken into consideration for the FET used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com