Electronic Components Datasheet Search
  English  ▼

X  

CDB4397 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CDB4397
Description  24-Bit, Multi-Standard D/A Converter for Digital Audio
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4397 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CDB4397 Datasheet HTML 6Page - Cirrus Logic CDB4397 Datasheet HTML 7Page - Cirrus Logic CDB4397 Datasheet HTML 8Page - Cirrus Logic CDB4397 Datasheet HTML 9Page - Cirrus Logic CDB4397 Datasheet HTML 10Page - Cirrus Logic CDB4397 Datasheet HTML 11Page - Cirrus Logic CDB4397 Datasheet HTML 12Page - Cirrus Logic CDB4397 Datasheet HTML 13Page - Cirrus Logic CDB4397 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
CS4397
10
DS333F1
SWITCHING CHARACTERISTICS (T
A= -10 to 70°C; Logic 0 = AGND = DGND; Logic
1 = VD = 5.25 to 3.0 Volts; CL =20pF)
Parameter
Symbol
Min
Typ
Max
Unit
Input Sample Rate
(Single-speed mode)
(Double-speed mode)
(Quad-speed mode)
Fs
Fs
Fs
16
50
100
-
-
-
50
100
200
kHz
kHz
kHz
LRCK Duty Cycle
45
50
55
%
MCLK Frequency
(Single-speed 256 Fs,
Double speed 128 Fs or Quad-speed 64 Fs)
4.096
-
12.8
MHz
MCLK Frequency
(Single-speed 384 Fs,
Double speed 192 Fs or Quad-speed, 96 Fs
6.144
-
19.2
MHz
MCLK Frequency
(Single-speed 512 Fs,
Double speed 256 Fs or Quad-speed, 128 Fs
8.192
-
25.6
MHz
MCLK Frequency
(Single-speed 768 Fs,
Double speed 384 Fs or Quad-speed, 192 Fs
12.288
-
38.4
MHz
MCLK Duty Cycle
40
50
60
%
SCLK Frequency
(Single-speed mode)
(Double-speed mode)
(Quad-speed mode)
-
-
-
-
-
-
256×Fs
128×Fs
64×Fs
Hz
Hz
Hz
SCLK rising to LRCK edge delay
tslrd
20
--ns
SCLK rising to LRCK edge setup time
tslrs
20
--ns
SDATA valid to SCLK rising setup time
tsdlrs
20
--ns
SCLK rising to SDATA hold time
tsdh
20
--ns
slrs
t
slrd
t
sdlrs
t
sdh
t
SDATA
SCLK
LRCK
Figure 1. Serial Audio Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com