Electronic Components Datasheet Search
  English  ▼

X  

CDB4397 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CDB4397
Description  24-Bit, Multi-Standard D/A Converter for Digital Audio
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4397 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CDB4397 Datasheet HTML 7Page - Cirrus Logic CDB4397 Datasheet HTML 8Page - Cirrus Logic CDB4397 Datasheet HTML 9Page - Cirrus Logic CDB4397 Datasheet HTML 10Page - Cirrus Logic CDB4397 Datasheet HTML 11Page - Cirrus Logic CDB4397 Datasheet HTML 12Page - Cirrus Logic CDB4397 Datasheet HTML 13Page - Cirrus Logic CDB4397 Datasheet HTML 14Page - Cirrus Logic CDB4397 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
CS4397
DS333F1
11
DSD - SWITCHING CHARACTERISTICS (T
A= -10 to 70°C; Logic 0 = AGND = DGND; Logic
1 = VD = 5.25 to 3.0 Volts; CL =20pF)
Parameter
Symbol
Min
Typ
Max
Unit
Input Bit Rate per Channel
(64x Oversampled)
(128x Oversampled)
1.024
2.048
-
-
3.2
6.4
Mb/s
Mb/s
Master Clock Frequency
(CLKMODE = 0)
(CLKMODE = 1)
4.096
6.144
-
-
12.8
19.2
MHz
MHz
MCLK Duty Cycle
(All DSD modes)
40
-
60
%
DSD_SCLK Pulse Width Low
tsclkl
20
--ns
DSD_SCLK Pulse Width High
tsclkh
20
--ns
DSD_SCLK Frequency
(64x Oversampled)
(128x Oversampled)
1.024
2.048
-
-
3.2
6.4
MHz
MHz
DSD_LI_R valid to DSD_SCLK rising setup time
tsdlrs
20
--ns
DSD_SCLK rising to DSD_L or DSD_R hold time
tsdh
20
--ns
sclkh
t
sclkl
t
DSD_L, DSD_R
DSD_SCLK
sdlrs
t
sdh
t
Figure 2. Direct Stream Digital - Serial Audio Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com