Electronic Components Datasheet Search
  English  ▼

X  

CS4525 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 25Page - Cirrus Logic CS4525 Datasheet HTML 26Page - Cirrus Logic CS4525 Datasheet HTML 27Page - Cirrus Logic CS4525 Datasheet HTML 28Page - Cirrus Logic CS4525 Datasheet HTML 29Page - Cirrus Logic CS4525 Datasheet HTML 30Page - Cirrus Logic CS4525 Datasheet HTML 31Page - Cirrus Logic CS4525 Datasheet HTML 32Page - Cirrus Logic CS4525 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 98 page
background image
DS726PP1
29
CS4525
6.1.3
Input Source Selection
The CS4525 can accept analog or digital audio input signals. Digital audio input signals are supplied
through the serial audio input port as outlined in “Serial Audio Interfaces” on page 62. Analog audio input
signals are supplied through the internal ADC as outlined in “Analog Inputs” on page 61. The input source
is selected by the ADC/SP bit in the Input Config register.
In software mode, the serial audio input port supports I²S, Left-Justified and Right-Justified data formats.
The serial audio input port digital interface format is configured by the DIF[2:0] bits in the Input Config reg-
ister.
The CS4525 internal ADC includes a dedicated high-pass filter to remove any DC content from the ADC
output signal prior to the internal ADC/serial audio input port input multiplexor. This high-pass filter can be
bypassed by clearing the EnAnHPF bit.
6.1.4
Digital Sound Processing
The CS4525 implements flexible digital sound processing operations including bass management cross-
over, 2-way speaker crossovers, high- and low-pass shelving filters, programmable parametric EQ filters,
adaptive loudness compensation, channel mixers, and volume controls.
The digital signal flow is shown in Figure 14 below. The signal processing blocks are described in detail
in the following sections.
Referenced Control
Register Location
ADC/SP............................... “Input Source Selection (ADC/SP)” on page 71
DIF[2:0] ............................... “Input Serial Port Digital Interface Format (DIF [2:0])” on page 71
EnAnHPF ............................ “ADC High-Pass Filter Enable (EnAnHPF)” on page 71
Amplifier
Out 1
Amplifier
Out 2
Amplifier
Out 3
Amplifier
Out 4
PWM Modulator
Output 2
Audio
Processing
High-Pass
Bass/Treble
2-Ch Mixer
2.1 Bass Mgr
De-Emphasis
Serial Audio
Input Port
Volume
Auxiliary
Serial Port
Serial Audio
Delay
Interface
PWM
Output
Config
Gate
Drive
Power
Stage
Gate
Drive
Power
Stage
Gate
Drive
Power
Stage
Gate
Drive
Power
Stage
Stereo
Analog In
Serial Audio
Clocks & Data
Serial Audio
Data I/O
Serial Audio
Clocks & Data
PWM Modulator
Output 1
Ch. A HPF
Ch. A LPF
Ch. B HPF
Ch. B LPF
Ch. A HPF
Ch. A LPF
Serial Audio
Data In
Left
Right
Ch. B HPF
Ch. B LPF
Ch. 1
Ch. 2
Aux Serial Data Select
Data to
Aux Port
Sub
Parametric EQ
Linkwitz-Riley
Crossover
Adaptive
Loudness
Compensation
High-
Pass
ADC
Loudness
Ch. A
Ch. B
Sub
Temperature Sense
Sample
Rate
Converter
PWM
Modulator
Sub
Sample
Rate
Converter
PWM
Modulator
Ch. 2
Sample
Rate
Converter
PWM
Modulator
Ch. 1
Temperature
Sense
Ch. B
Ch. A
Ch. A
Ch. B
Thermal Foldback
Thermal Limiter
Figure 14. Digital Signal Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com