Electronic Components Datasheet Search
  English  ▼

X  

CS4525 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 28Page - Cirrus Logic CS4525 Datasheet HTML 29Page - Cirrus Logic CS4525 Datasheet HTML 30Page - Cirrus Logic CS4525 Datasheet HTML 31Page - Cirrus Logic CS4525 Datasheet HTML 32Page - Cirrus Logic CS4525 Datasheet HTML 33Page - Cirrus Logic CS4525 Datasheet HTML 34Page - Cirrus Logic CS4525 Datasheet HTML 35Page - Cirrus Logic CS4525 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 98 page
background image
32
DS726PP1
CS4525
The cut/boost level of the bass and treble shelving filters are set by the Bass[3:0] and Treble[3:0] bits in
the Tone Control register.
Input Sample Rate
Treble Fc 0
Treble Fc 1
Treble Fc 2
Treble Fc 3
32 kHz
5.0 kHz
7.0 kHz
10.0 kHz
15.0 kHz
44.1 kHz
4.8 kHz
6.7 kHz
9.6 kHz
14.4 kHz
48 kHz, 96 kHz
5.2 kHz
7.3 kHz
10.4 kHz
15.6 kHz
Table 3. Treble Shelving Filter Corner Frequencies
Referenced Control
Register Location
EnToneCtrl .......................... “Tone Control Enable (EnToneCtrl)” on page 77
TrebFc[1:0].......................... “Treble Corner Frequency (TrebFc[1:0])” on page 77
BassFc[1:0] ......................... “Bass Corner Frequency (BassFc[1:0])” on page 77
Treble[3:0] ........................... “Treble Gain Level (Treb[3:0])” on page 78
Bass[3:0] ............................. “Bass Gain Level (Bass[3:0])” on page 78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com