Electronic Components Datasheet Search
  English  ▼

X  

CS5345 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS5345
Description  104 dB, 24-Bit, 192 kHz Stereo Audio ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5345 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS5345_07 Datasheet HTML 3Page - Cirrus Logic CS5345_07 Datasheet HTML 4Page - Cirrus Logic CS5345_07 Datasheet HTML 5Page - Cirrus Logic CS5345_07 Datasheet HTML 6Page - Cirrus Logic CS5345_07 Datasheet HTML 7Page - Cirrus Logic CS5345_07 Datasheet HTML 8Page - Cirrus Logic CS5345_07 Datasheet HTML 9Page - Cirrus Logic CS5345_07 Datasheet HTML 10Page - Cirrus Logic CS5345_07 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
DS658F2
7
CS5345
2. CHARACTERISTICS AND SPECIFICATIONS
SPECIFIED OPERATING CONDITIONS
AGND = DGND = 0 V; All voltages with respect to ground.
Notes: 1. Maximum of VA+0.25 V or 5.25 V, whichever is less.
ABSOLUTE MAXIMUM RATINGS
AGND = DGND = 0 V All voltages with respect to ground. (Note 2)
2. Operation beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
3. Any pin except supplies. Transient currents of up to ±100 mA on the analog input pins will not cause
SCR latch-up.
Parameters
Symbol
Min
Nom
Max
Units
DC Power Supplies:
Analog
Digital
Logic - Serial Port
Logic - Control Port
VA
VD
VLS
VLC
3.13
3.13
1.71
1.71
5.0
3.3
3.3
3.3
5.25
(Note 1)
5.25
5.25
V
V
V
V
Ambient Operating Temperature (Power Applied)
Commercial
Automotive
TA
TA
-10
-40
-
-
+70
+105
°C
°C
Parameter
Symbol
Min
Max
Units
DC Power Supplies:
Analog
Digital
Logic - Serial Port
Logic - Control Port
VA
VD
VLS
VLC
-0.3
-0.3
-0.3
-0.3
+6.0
+6.0
+6.0
+6.0
V
V
V
V
Input Current
(Note 3)
Iin
-
±10
mA
Analog Input Voltage
VINA
AGND-0.3
VA+0.3
V
Digital Input Voltage
Logic - Serial Port
Logic - Control Port
VIND-S
VIND-C
-0.3
-0.3
VLS+0.3
VLC+0.3
V
V
Ambient Operating Temperature (Power Applied)
TA
-50
+125
°C
Storage Temperature
Tstg
-65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com