Electronic Components Datasheet Search
  English  ▼

X  

CS5345 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS5345
Description  104 dB, 24-Bit, 192 kHz Stereo Audio ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5345 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS5345_07 Datasheet HTML 32Page - Cirrus Logic CS5345_07 Datasheet HTML 33Page - Cirrus Logic CS5345_07 Datasheet HTML 34Page - Cirrus Logic CS5345_07 Datasheet HTML 35Page - Cirrus Logic CS5345_07 Datasheet HTML 36Page - Cirrus Logic CS5345_07 Datasheet HTML 37Page - Cirrus Logic CS5345_07 Datasheet HTML 38Page - Cirrus Logic CS5345_07 Datasheet HTML 39Page - Cirrus Logic CS5345_07 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
36
DS658F2
CS5345
6.10.1 Clock Error (Bit 3)
Function:
Indicates the occurrence of a clock error condition.
6.10.2 Overflow (Bit 1)
Function:
Indicates the occurrence of an ADC overflow condition.
6.10.3 Underflow (Bit 0)
Function:
Indicates the occurrence of an ADC underflow condition.
6.11 Interrupt Mask - Address 0Eh
Function:
The bits of this register serve as a mask for the Status sources found in the register “Interrupt Status - Ad-
dress 0Dh” on page 35. If a mask bit is set to 1, the error is unmasked, meaning that its occurrence will affect
the INT pin and the status register. If a mask bit is set to 0, the error is masked, meaning that its occurrence
will not affect the INT pin or the status register. The bit positions align with the corresponding bits in the Sta-
tus register.
6.12 Interrupt Mode MSB - Address 0Fh
6.13 Interrupt Mode LSB - Address 10h
Function:
The two Interrupt Mode registers form a 2-bit code for each Interrupt Status register function. There are
three ways to set the INT pin active in accordance with the interrupt condition. In the Rising-Edge Active
Mode, the INT pin becomes active on the arrival of the interrupt condition. In the Falling-Edge Active Mode,
the INT pin becomes active on the removal of the interrupt condition. In Level-Active Mode, the INT pin re-
mains active during the interrupt condition.
00 - Rising edge active
01 - Falling edge active
10 - Level active
11 - Reserved
76
543
21
0
Reserved
Reserved
Reserved
Reserved
ClkErrM
Reserved
OvflM
UndrflM
76
543
21
0
Reserved
Reserved
Reserved
Reserved
ClkErr1
Reserved
Ovfl1
Undrfl1
Reserved
Reserved
Reserved
Reserved
ClkErr0
Reserved
Ovfl0
Undrfl0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com