Electronic Components Datasheet Search
  English  ▼

X  

CS5364 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS5364
Description  114 dB, 192 kHz, 4-Channel A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5364 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS5364 Datasheet HTML 20Page - Cirrus Logic CS5364 Datasheet HTML 21Page - Cirrus Logic CS5364 Datasheet HTML 22Page - Cirrus Logic CS5364 Datasheet HTML 23Page - Cirrus Logic CS5364 Datasheet HTML 24Page - Cirrus Logic CS5364 Datasheet HTML 25Page - Cirrus Logic CS5364 Datasheet HTML 26Page - Cirrus Logic CS5364 Datasheet HTML 27Page - Cirrus Logic CS5364 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
24
DS625F2
CS5364
4.6.3
Master Mode Clock Dividers
Figure 13 shows the configuration of the MCLK dividers and the sample rate dividers for Master Mode, in-
cluding the significance of each MCLK divider pin (in Stand-Alone Mode) or bit (in Control Port Mode).
Figure 13. Master Mode Clock Dividers
4.6.4
Slave Mode Audio Clocking With Auto-Detect
In Slave Mode, CS5364 auto-detects speed mode, which eliminates the need to configure M1 and M0 when
changing among speed modes. The external MCLK is subject to clock dividers as set by the clock divider
pins in Stand-Alone Mode or the clock divider bits in Control Port Mode. The CS5364 compares the divided-
down, internal MCLK to the incoming LRCK/FS and sets the speed mode based on the MCLK/LRCK ratio
as shown in Figure 14.
Figure 14. Slave Mode Auto-Detect Speed
÷128
÷ 64
M0
M1
LRCK/ FS
Single
Speed
Quad
Speed
Double
Speed
00
01
10
÷ 2
÷ 4
÷ 1
SCLK
Single
Speed
Quad
Speed
Double
Speed
00
01
10
÷256
pin
CLKMODE
MDIV
n/a
MCLK
÷ 1
÷ 1.5
÷ 2
÷ 1
÷ 2
÷ 1
bit
MDIV1
MDIV0
0/1
0/1
0/1
MCLK DIVIDERS
SAMPLE RATE DIVIDERS
CLKMODE
128
64
Single-Speed
256
pin
CLKMODE
MDIV
n/a
External
MCLK
÷ 1
÷ 1.5
÷ 2
÷ 1
÷ 2
÷ 1
bit
MDIV1
MDIV0
0/1
0/1
0/1
MCLK DIVIDERS
CLKMODE
÷LRCK
LRCK
Double-Speed
Quad-Speed
SPEED MODE
Internal
MCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com