Electronic Components Datasheet Search
  English  ▼

X  

CS5364 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS5364
Description  114 dB, 192 kHz, 4-Channel A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5364 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS5364 Datasheet HTML 30Page - Cirrus Logic CS5364 Datasheet HTML 31Page - Cirrus Logic CS5364 Datasheet HTML 32Page - Cirrus Logic CS5364 Datasheet HTML 33Page - Cirrus Logic CS5364 Datasheet HTML 34Page - Cirrus Logic CS5364 Datasheet HTML 35Page - Cirrus Logic CS5364 Datasheet HTML 36Page - Cirrus Logic CS5364 Datasheet HTML 37Page - Cirrus Logic CS5364 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
34
DS625F2
CS5364
5.6
04h (HPF) High-Pass Filter Register
Default: 0x00, all high-pass filters enabled.
The High-Pass Filter Register is used to enable or disable a high-pass filter that exists for each channel.
These filters are used to perform DC offset calibration, a procedure that is detailed in “DC Offset Control”
on page 29.
5.7
05h Reserved
5.8
06h (PDN) Power Down Register
Default: 0x00 - everything powered up
The Power Down Register is used as needed to reduce the chip’s power consumption.
Bit[7] RESERVED
Bit[6] RESERVED
Bit[5] PDN-BG When set, this bit powers-down the bandgap reference.
Bit[4] PDN-OSC controls power to the internal oscillator core. When asserted, the internal oscillator core is
shut down, and no clock is supplied to the chip. If the chip is running off an externally supplied clock at the
MCLK pin, it is also prevented from clocking the device internally.
Bit[1:0] PDN When any bit is set, all clocks going to a channel pair are turned off, and the serial data outputs
are forced to all zeroes.
5.9
07h Reserved
5.10 08h (MUTE) Mute Control Register
Default: 0x00, no channels are muted.
The Mute Control Register is used to mute or unmute the serial audio data output of individual channels.
When a bit is set, that channel’s serial data is muted by forcing the output to all zeroes.
R/W
765
43
210
R/W
RESERVED RESERVED RESERVED RESERVED
HPF4
HPF3
HPF2
HPF1
R/W
765
43
210
RESERVED
-
-
-
-
-
-
-
-
R/W
765
43
210
R/W
RESERVED
PDN-BG
PDN-OSC
RESERVED RESERVED
PDN43
PDN21
R/W
765
43
210
RESERVED
-
-
-
-
-
-
-
-
R/W
765
43
210
R/W
RESERVED RESERVED RESERVED RESERVED
MUTE4
MUTE3
MUTE2
MUTE1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com