Electronic Components Datasheet Search
  English  ▼

X  

CDB5345 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CDB5345
Description  104 dB, 24-Bit, 192 kHz Stereo Audio ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5345 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CDB5345 Datasheet HTML 25Page - Cirrus Logic CDB5345 Datasheet HTML 26Page - Cirrus Logic CDB5345 Datasheet HTML 27Page - Cirrus Logic CDB5345 Datasheet HTML 28Page - Cirrus Logic CDB5345 Datasheet HTML 29Page - Cirrus Logic CDB5345 Datasheet HTML 30Page - Cirrus Logic CDB5345 Datasheet HTML 31Page - Cirrus Logic CDB5345 Datasheet HTML 32Page - Cirrus Logic CDB5345 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
DS658F2
29
CS5345
system logic supply (VLS or VLC) or may be powered from the analog supply (VA) via a resistor. In this
case, no additional devices should be powered from VD. Power supply decoupling capacitors should be as
near to the CS5345 as possible, with the low value ceramic capacitor being the nearest. All signals, espe-
cially clocks, should be kept away from the FILT+ and VQ pins in order to avoid unwanted coupling into the
modulators. The FILT+ and VQ decoupling capacitors, particularly the 0.1 µF, must be positioned to mini-
mize the electrical path from FILT+ and AGND. The CS5345 evaluation board demonstrates the optimum
layout and power supply arrangements. To minimize digital noise, connect the CS5345 digital outputs only
to CMOS inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com