Electronic Components Datasheet Search
  English  ▼

X  

CDB5345 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CDB5345
Description  104 dB, 24-Bit, 192 kHz Stereo Audio ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5345 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CDB5345 Datasheet HTML 29Page - Cirrus Logic CDB5345 Datasheet HTML 30Page - Cirrus Logic CDB5345 Datasheet HTML 31Page - Cirrus Logic CDB5345 Datasheet HTML 32Page - Cirrus Logic CDB5345 Datasheet HTML 33Page - Cirrus Logic CDB5345 Datasheet HTML 34Page - Cirrus Logic CDB5345 Datasheet HTML 35Page - Cirrus Logic CDB5345 Datasheet HTML 36Page - Cirrus Logic CDB5345 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
DS658F2
33
CS5345
6.4
MCLK Frequency - Address 05h
6.4.1
Master Clock Dividers (Bits 6:4)
Function:
Sets the frequency of the supplied MCLK signal. See Table 8 for the appropriate settings.
6.5
PGAOut Control - Address 06h
6.5.1
PGAOut Source Select (Bit 6)
Function:
This bit is used to configure the PGAOut pins to be either high impedance or PGA outputs. Refer to
Table 9.
6.6
Channel B PGA Control - Address 07h
6.6.1
Channel B PGA Gain (Bits 5:0)
Function:
See “Channel A PGA Gain (Bits 5:0)” on page 34.
7
6
5
432
10
Reserved
MCLK
Freq2
MCLK
Freq1
MCLK
Freq0
Reserved
Reserved
Reserved
Reserved
MCLK Divider
MCLK Freq2
MCLK Freq1
MCLK Freq0
÷1
000
÷1.5
001
÷2
010
÷3
011
÷4
100
Reserved
101
Reserved
11
x
Table 8. MCLK Frequency
7
6
5
432
10
Reserved
PGAOut
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
PGAOut
PGAOutA & PGAOutB
0
High Impedance
1
PGA Output
Table 9. PGAOut Source Selection
7
6
5
432
10
Reserved
Reserved
Gain5
Gain4
Gain3
Gain2
Gain1
Gain0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com