Electronic Components Datasheet Search
  English  ▼

X  

CS5368 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS5368
Description  114 dB, 192 kHz, 8-Channel A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5368 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS5368_07 Datasheet HTML 13Page - Cirrus Logic CS5368_07 Datasheet HTML 14Page - Cirrus Logic CS5368_07 Datasheet HTML 15Page - Cirrus Logic CS5368_07 Datasheet HTML 16Page - Cirrus Logic CS5368_07 Datasheet HTML 17Page - Cirrus Logic CS5368_07 Datasheet HTML 18Page - Cirrus Logic CS5368_07 Datasheet HTML 19Page - Cirrus Logic CS5368_07 Datasheet HTML 20Page - Cirrus Logic CS5368_07 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
DS624F2
17
CS5368
SWITCHING SPECIFICATIONS - CONTROL PORT - I²C TIMING
Inputs: Logic 0 = DGND, Logic 1 = VLC, SDA CL =30pF
Notes:
1. Data must be held for sufficient time to bridge the transition time, tfc, of SCL.
Figure 5. I²C Timing
Parameter
Symbol
Min
Max
Unit
SCL Clock Frequency
fscl
-
100
kHz
RST Rising Edge to Start
tirs
600
-
ns
Bus Free Time Between Transmissions
tbuf
4.7
µs
Start Condition Hold Time (prior to first clock pulse)
thdst
4.0
µs
Clock Low time
tlow
4.7
Clock High Time
thigh
4.0
Setup Time for Repeated Start Condition
tsust
4.7
SDA Hold Time from SCL Falling
(Note 1)
thdd
0
SDA Setup time to SCL Rising
tsud
600
ns
Rise Time of SCL and SDA
trc
-1
µs
Fall Time SCL and SDA
tfc
-300
ns
Setup Time for Stop Condition
tsusp
4.7
-
µs
Acknowledge Delay from SCL Falling
tack
300
1000
ns
t buf
t hdst
t
lo w
t
hdd
t high
t sud
Stop
Start
SD A
SCL
t irs
RS T
t
hdst
t rc
t fc
t sust
t susp
Start
Stop
Re pe at e d
t rd
t fd
t ack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com