Electronic Components Datasheet Search
  English  ▼

X  

CS5368 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS5368
Description  114 dB, 192 kHz, 8-Channel A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5368 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS5368_07 Datasheet HTML 14Page - Cirrus Logic CS5368_07 Datasheet HTML 15Page - Cirrus Logic CS5368_07 Datasheet HTML 16Page - Cirrus Logic CS5368_07 Datasheet HTML 17Page - Cirrus Logic CS5368_07 Datasheet HTML 18Page - Cirrus Logic CS5368_07 Datasheet HTML 19Page - Cirrus Logic CS5368_07 Datasheet HTML 20Page - Cirrus Logic CS5368_07 Datasheet HTML 21Page - Cirrus Logic CS5368_07 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
18
DS624F2
CS5368
SWITCHING SPECIFICATIONS - CONTROL PORT - SPI TIMING
Inputs: Logic 0 = DGND, Logic 1 = VLC, CDOUT CL =30pF
Notes:
1. Data must be held for sufficient time to bridge the transition time of CCLK.
2. For fsck <1 MHz
Figure 6. SPI Timing
Parameter
Symbol
Min
Max
Units
CCLK Clock Frequency
fsck
06.0
MHz
RST Rising Edge to CS Falling
tsrs
20
-
ns
CS Falling to CCLK Edge
tcss
20
CS High Time Between Transmissions
tcsh
1.0
μs
CCLK Low Time
tscl
66
ns
CCLK High Time
tsch
66
CDIN to CCLK Rising Setup Time
tdsu
40
CCLK Rising to DATA Hold Time
(Note 1)
tdh
15
CCLK Falling to CDOUT Stable
tpd
-
50
Rise Time of CDOUT
tr1
25
Fall Time of CDOUT
tf1
Rise Time of CCLK and CDIN
(Note 2)
tr2
100
Fall Time of CCLK and CDIN
(Note 2)
tf2
CS
CCLK
CDIN
CDOUT
RST
t
srs
t
scl
t
sch
t
css
t
r2
t
f2
t
csh
t
dsu
t
dh
t
pd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com