Electronic Components Datasheet Search
  English  ▼

X  

CS5368 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS5368
Description  114 dB, 192 kHz, 8-Channel A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5368 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS5368 Datasheet HTML 10Page - Cirrus Logic CS5368 Datasheet HTML 11Page - Cirrus Logic CS5368 Datasheet HTML 12Page - Cirrus Logic CS5368 Datasheet HTML 13Page - Cirrus Logic CS5368 Datasheet HTML 14Page - Cirrus Logic CS5368 Datasheet HTML 15Page - Cirrus Logic CS5368 Datasheet HTML 16Page - Cirrus Logic CS5368 Datasheet HTML 17Page - Cirrus Logic CS5368 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
14
DS624F2
CS5368
DIGITAL FILTER CHARACTERISTICS
Notes:
1. The filter frequency response scales precisely with Fs.
2. Response shown is for Fs equal to 48 kHz. Filter characteristics scale with Fs.
OVERFLOW TIMEOUT
Logic "0" = GND = 0 V; Logic "1" = VLS; CL = 30 pF, timing threshold is 50% of VLS.
Parameter
Symbol
Min
Typ
Max
Unit
Single-Speed Mode (2 kHz to 54 kHz sample rates)
Passband (Note 1)
(-0.1 dB)
0
-
0.47
Fs
Passband Ripple
-0.035
0.035
dB
Stopband (Note 1)
0.58
-
Fs
Stopband Attenuation
-95
dB
Total Group Delay (Fs = Output Sample Rate)
tgd
-12/Fs
s
Double-Speed Mode (54 kHz to 108 kHz sample rates)
Passband (Note 1)
(-0.1 dB)
0
-
0.45
Fs
Passband Ripple
-0.035
0.035
dB
Stopband (Note 1)
0.68
-
Fs
Stopband Attenuation
-92
dB
Total Group Delay (Fs = Output Sample Rate)
tgd
-9/Fs
s
Quad-Speed Mode (108 kHz to 216 kHz sample rates)
Passband (Note 1)
(-0.1 dB)
0
-
0.24
Fs
Passband Ripple
-0.035
0.035
dB
Stopband (Note 1)
0.78
-
Fs
Stopband Attenuation
-92
dB
Total Group Delay (Fs = Output Sample Rate)
tgd
-5/Fs
s
High-Pass Filter Characteristics
Frequency Response (Note 2)
-3.0 dB
-0.13 dB
-
1
20
-Hz
Phase Deviation (Note 2)
@ 20 Hz
-
10
-
Deg
Passband Ripple
-0
dB
Filter Settling Time
105/Fs
-
s
Parameter
Symbol
Min
Typ
Max
Unit
OVFL time-out on overrange condition
Fs = 44.1 kHz
Fs = 192 kHz
-
(217-1)/Fs
2972
683
-ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com