Electronic Components Datasheet Search
  English  ▼

X  

CS5368 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS5368
Description  114 dB, 192 kHz, 8-Channel A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5368 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS5368 Datasheet HTML 19Page - Cirrus Logic CS5368 Datasheet HTML 20Page - Cirrus Logic CS5368 Datasheet HTML 21Page - Cirrus Logic CS5368 Datasheet HTML 22Page - Cirrus Logic CS5368 Datasheet HTML 23Page - Cirrus Logic CS5368 Datasheet HTML 24Page - Cirrus Logic CS5368 Datasheet HTML 25Page - Cirrus Logic CS5368 Datasheet HTML 26Page - Cirrus Logic CS5368 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
DS624F2
23
CS5368
4.5.2 TDM Format
In TDM Mode, all eight channels of audio data are serially clocked out during a single Frame Sync (FS)
cycle, as shown in Figure 12. The rising edge of FS signifies the start of a new TDM frame cycle. Each
channel slot occupies 32 SCLK cycles, with the data left justified and with MSB first. TDM output data
should be latched on the rising edge of SCLK within time specified under ‘Serial Audio Interface - TDM Tim-
ing” section on page 16. The TDM data output port resides on the SDOUT1 pin. The TDM output pin is
complimentary TDM data. All SDOUT pins will remain active during TDM Mode. Refer to Section 4.11 “Op-
timizing Performance in TDM Mode” on page 29 for critical system design information.
Figure 12. TDM Format
4.5.3 Configuring Serial Audio Interface Format
The serial audio interface format of the data is controlled by the configuration of the DIF1 and DIF0 pins in
Stand-Alone Mode or by the DIF[1] and DIF[0] bits in the Global Mode Control Register in Control Port
Mode, as shown in Table 2.
Table 2. DIF1 and DIF0 Pin Settings
4.6
Speed Modes
4.6.1 Sample Rate Ranges
CS5368 supports sampling rates from 2 kHz to 21 kHz, divided into three ranges: 2 kHz - 54 kHz, 54 kHz -
108 kHz, and 108 kHz - 216 kHz. These sampling speed modes are called Single-Speed Mode (SSM),
Double-Speed Mode (DSM), and Quad-Speed Mode (QSM), respectively.
4.6.2 Using M1 and M0 to Set Sampling Parameters
The Master/Slave operation and the sample rate range are controlled through the settings of the M1 and
M0 pins in Stand-Alone Mode, or by the M[1] and M[0] bits in the Global Mode Control Register in Control
Port Mode, as shown in Table 3.
Table 3. M1 and M0 Settings
DIF1
DIF0
Mode
0
0
Left-Justified
01
I²S
10
TDM
11
Reserved
M1
M0
Mode
Frequency Range
0
0
Single-Speed Master Mode (SSM)
2 kHz - 54 kHz
0
1
Double-Speed Master Mode (DSM)
54 kHz - 108 kHz
1
0
Quadruple-Speed Master Mode (QSM)
108 kHz - 216 kHz
1
1
Auto-Detected Speed Slave Mode
2 kHz - 216 kHz
C h a nnel 6
SC L K
MS B
LS B
MS B
LS B
MS B
LS B
MS B
LS B
MS B
LS B
MS B
TD M O U T
C h a nne l 1
C han nel 4
C h a nne l 2
C hann el 5
C h ann el 3
3 2 c lks
3 2 clk s
3 2 clk s
3 2 clk s
3 2 clks
3 2 clks
C han nel 8
LS B
MS B
LS B
MS B
C h anne l 7
3 2 clks
3 2 clks
FS
MS B
LS B
LS B
LS B
MS B
Da ta
Z e r oes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com