Electronic Components Datasheet Search
  English  ▼

X  

ICS853111BY Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS853111BY
Description  LOW SKEW, 1-TO-10, DIFFERENTIAL-TO- 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS853111BY Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ICS853111BY Datasheet HTML 3Page - Integrated Device Technology ICS853111BY Datasheet HTML 4Page - Integrated Device Technology ICS853111BY Datasheet HTML 5Page - Integrated Device Technology ICS853111BY Datasheet HTML 6Page - Integrated Device Technology ICS853111BY Datasheet HTML 7Page - Integrated Device Technology ICS853111BY Datasheet HTML 8Page - Integrated Device Technology ICS853111BY Datasheet HTML 9Page - Integrated Device Technology ICS853111BY Datasheet HTML 10Page - Integrated Device Technology ICS853111BY Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
IDT™ / ICS™
1-TO-10, LVPECL/ECL FANOUT BUFFER
7
ICS853111BY REV. B SEPTEMBER 5, 2007
ICS853111B
LOW SKEW, 1-TO-10, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
PARAMETER MEASUREMENT INFORMATION
OUTPUT SKEW
DIFFERENTIAL INPUT LEVEL
OUTPUT LOAD AC TEST CIRCUIT
SCOPE
Qx
nQx
LVPECL
V
CC,
V
CCO
PART-TO-PART SKEW
t
sk(o)
nQx
Qx
nQy
Qy
V
CMR
Cross Points
V
PP
V
CC
V
EE
PCLK0,
PCLK1
nPCLK0,
nPCLK1
OUTPUT RISE/FALL TIME
PROPAGATION DELAY
Clock
Outputs
20%
80%
80%
20%
tR
tF
VSWING
tPD
PCLK0,
PCLK1
nPCLK0,
nPCLK1
Q0:Q9
nQ0:nQ9
2V
V
EE
t
sk(o)
nQx
Qx
nQy
Qy
PART 1
PART 2
-1.8V to -0.375V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com