Electronic Components Datasheet Search
  English  ▼

X  

HCMS-2913 Datasheet(PDF) 14 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCMS-2913
Description  High Performance CMOS 5 x 7 Alphanumeric Displays
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCMS-2913 Datasheet(HTML) 14 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCMS-2913 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCMS-2913 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCMS-2913 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCMS-2913 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCMS-2913 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCMS-2913 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCMS-2913 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCMS-2913 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HCMS-2913 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
PD can be calculated as Equation
2 below.
Figure 4 shows how to derate
the power of one IC versus
ambient temperature. Operation
at high ambient temperatures
may require the power per IC to
be reduced. The power con-
sumption can be reduced by
changing either the N, IPIXEL,
Osc cyc or VLED. Changing
VLOGIC has very little impact on
the power consumption.
Appendix A. Thermal
Considerations
The display IC has a maximum
junction temperature of 150
°C.
The IC junction temperature can
be calculated with Equation 1
below.
A typical value for RqJA is
100
°C/W. This value is typical
for a display mounted in a
socket and covered with a
plastic filter. The socket is
soldered to a .062 in. thick PCB
with .020 inch wide, one ounce
copper traces.
Equation 1:
T
JMAX = TA + PD * RqJA
Where:
T
JMAX = maximum IC junction temperature
T
A = ambient temperature surrounding the display
Rq
JA = thermal resistance from the IC junction to ambient
P
D = power dissipated by the IC
Equation 2:
P
D = (N * IPIXEL * Duty Factor * VLED) + ILOGIC * VLOGIC
Where:
P
D = total power dissipation
N= number of pixels on (maximum 4 char * 5 * 7 = 140)
I
PIXEL = peak pixel current.
Duty Factor = 1/8 * Osccyc/64
Osc cyc = number of ON oscillator cycles per row
I
LOGIC = IC logic current
V
LOGIC = logic supply voltage
Equation 3:
I
PEAK = M * 20 * IPIXEL
Where:
I
PEAK = maximum instantaneous peak current for the display
M= number of ICs in the system
20 = maximum number of LEDs on per IC
I
PIXEL = peak current for one LED
Equation 4:
I
LED(AVG) = N * IPIXEL * 1/8 * (oscillator cycles)/64
(see Variable Definitions above)
Appendix B. Electrical
Considerations
Current Calculations
The peak and average display
current requirements have a
significant impact on power
supply selection. The maximum
peak current is calculated with
Equation 3 below.
The average current required by
the display can be calculated
with Equation 4 below.
The power supply has to be able
to supply IPEAK transients and
supply ILED(AVG) continuously.
The range on VLED allows noise
on this supply without signifi-
cantly changing the display
brightness.
VLOGIC and VLED Considerations
The display uses two indepen-
dent electrical systems. One
system is used to power the
display’s logic and the other to
power the display’s LEDs. These
two systems keep the logic
supply clean.
Separate electrical systems
allow the voltage applied to VLED
and VLOGIC to be varied
independently. Thus, VLED can
Figure 4.
0
25
TA – AMBIENT TEMPERATURE – °C
0.7
0.6
0.5
0.4
0.3
0.2
0.1
60
55
50
45
40
35
30
0.8
0.9
1.0
1.1
1.2
85
80
75
70
65
90
1.3
R
= 100
°C/W
J-A
θ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com