Electronic Components Datasheet Search
  English  ▼

X  

HCMS-2913 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCMS-2913
Description  High Performance CMOS 5 x 7 Alphanumeric Displays
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCMS-2913 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HCMS-2913 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCMS-2913 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCMS-2913 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCMS-2913 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCMS-2913 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCMS-2913 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCMS-2913 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCMS-2913 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCMS-2913 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Absolute Maximum Ratings
Logic Supply Voltage, VLOGIC to GNDLOGIC
-0.3 V to 7.0 V
LED Supply Voltage, VLED to GNDLED
-0.3 V to 5.5 V
Input Voltage, Any Pin to GND
-0.3 V to VLOGIC +0.3 V
Free Air Operating Temperature Range TA[1]
-40
°C to +85°C
Relative Humidity (noncondensing)
85%
Storage Temperature, TS
-55
°C to 100°C
Soldering Temperature [1.59 mm (0.063 in.) Below Body]
Solder Dipping
260
°C for 5 secs
Wave Soldering
250
°C for 3 secs
ESD Protection @ 1.5 k
Ω, 100 pF (each pin)
Class 1, 0-1999 V
TOTAL Package Power Dissipation at TA = 25°C[2]
4 Character
1.2 W
8 Character
2.4 W
16 Character
4.8 W
Notes:
1. For operation in high ambient temperatures, see Appendix A, Thermal Considerations.
HCMS-297x
Recommended Operating Conditions Over Temperature Range
(-40
°C to +85°C)
Parameter
Symbol
Min.
Typ.
Max.
Units
Logic Supply Voltage
VLOGIC
3.0
5.0
5.5
V
LED Supply Voltage
VLED
4.0
5.0
5.5
V
GNDLED to GNDLOGIC
–
-0.3
0
+0.3
V
PIN FUNCTION
ASSIGNMENT TABLE
NOTES:
1. DIMENSIONS ARE IN mm (INCHES).
2. UNLESS OTHERWISE SPECIFIED, TOLERANCE ON DIMENSIONS IS ± 0.38 mm (0.015 INCH).
3. LEAD MATERIAL: SOLDER PLATED COPPER ALLOY.
8
7
6
5
4
3
2
1
XZ
COO
PIN # 1 IDENTIFIER
INTENSITY CATEGORY
DATE CODE (YEAR, WEEK)
COLOR BIN
COUNTRY OF ORIGIN
PART NUMBER
5.31
(0.209)
6.22
(0.245)
SYM.
0.51
(0.020)
TYP.
0.51 ± 0.13
(0.020 ± 0.005)
2.54 ± 0.13
(0.100 ± 0.005)
(NON ACCUM.)
TYP.
42.93 (1.690) MAX.
2.67 (0.105) SYM.
5.36 (0.211) TYP.
11.43 (0.450) MAX.
2.54 (0.100) TYP.
0.25
(0.010)
7.62
(0.300)
3.71
(0.146)
TYP.
1.90
(0.075)
SYM.
NO PIN
NO PIN
V LED
NO PIN
NO PIN
NO PIN
GND LED
NO PIN
NO PIN
V LED
NO PIN
NO PIN
NO PIN
DATA IN
RS
NO PIN
CLOCK
CE
BLANK
GND LOGIC
SEL
V LOGIC
NO PIN
RESET
OSC
DATA OUT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
PIN #
FUNCTION
4.57
(0.180)
TYP.
3
26
HCMS-297X
YYWW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com