Electronic Components Datasheet Search
  English  ▼

X  

ICS9DBL411 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS9DBL411
Description  Four Output Differential Fanout Buffer for PCI Express Gen 1 & 2
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9DBL411 Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS9DBL411 Datasheet HTML 1Page - Integrated Device Technology ICS9DBL411 Datasheet HTML 2Page - Integrated Device Technology ICS9DBL411 Datasheet HTML 3Page - Integrated Device Technology ICS9DBL411 Datasheet HTML 4Page - Integrated Device Technology ICS9DBL411 Datasheet HTML 5Page - Integrated Device Technology ICS9DBL411 Datasheet HTML 6Page - Integrated Device Technology ICS9DBL411 Datasheet HTML 7Page - Integrated Device Technology ICS9DBL411 Datasheet HTML 8Page - Integrated Device Technology ICS9DBL411 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IDTTM/ICSTM Four Output Differential Buffer for PCI Express
1250A—07/31/07
Advance Information
ICS9DBL411
Four Output Differential Buffer for PCI Express
3
TSSOP Pin Description
PIN #
(TSSOP)
PIN NAME
PIN TYPE
DESCRIPTION
1OE0#
IN
Output Enable for DIF0 output. Control is as follows:
0 = enabled, 1 = Low-Low
2
DIF_INC
IN
Complement side of differential input clock
3
DIF_INT
IN
True side of differential input clock
4
VDDA
PWR
3.3V Power for the Analog Core
5
GNDA
GND
Ground for the Analog Core
6OE3#
IN
Output Enable for DIF3 output. Control is as follows:
0 = enabled, 1 = Low-Low
7
DIF3C_LPR
OUT
Complement clock of low power differential clock pair. (no 50ohm shunt resistor to GND needed)
8
DIF3T_LPR
OUT
True clock of low power differential clock pair. (no 50ohm shunt resistor to GND needed)
9
VDD_IO
PWR
Power supply for low power differential outputs, nominal 1.05V to 3.3V
10
GND
GND
Ground pin
11
DIF2C_LPR
OUT
Complement clock of low power differential clock pair. (no 50ohm shunt resistor to GND needed)
12
DIF2T_LPR
OUT
True clock of low power differential clock pair. (no 50ohm shunt resistor to GND needed)
13
OE2#
IN
Output Enable for DIF2 output. Control is as follows:
0 = enabled, 1 = Low-Low
14
DIF1C_LPR
OUT
Complement clock of low power differential clock pair. (no 50ohm shunt resistor to GND needed)
15
DIF1T_LPR
OUT
True clock of low power differential clock pair. (no 50ohm shunt resistor to GND needed)
16
OE1#
IN
Output Enable for DIF1 output. Control is as follows:
0 = enabled, 1 = Low-Low
17
GND
GND
Ground pin
18
VDD_IO
PWR
Power supply for low power differential outputs, nominal 1.05V to 3.3V
19
DIF0C_LPR
OUT
Complement clock of low power differential clock pair. (no 50ohm shunt resistor to GND needed)
20
DIF0T_LPR
OUT
True clock of low power differential clock pair. (no 50ohm shunt resistor to GND needed)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com