Electronic Components Datasheet Search
  English  ▼

X  

ICS9DBL411 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS9DBL411
Description  Four Output Differential Fanout Buffer for PCI Express Gen 1 & 2
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9DBL411 Datasheet(HTML) 7 Page - Integrated Device Technology

  ICS9DBL411 Datasheet HTML 1Page - Integrated Device Technology ICS9DBL411 Datasheet HTML 2Page - Integrated Device Technology ICS9DBL411 Datasheet HTML 3Page - Integrated Device Technology ICS9DBL411 Datasheet HTML 4Page - Integrated Device Technology ICS9DBL411 Datasheet HTML 5Page - Integrated Device Technology ICS9DBL411 Datasheet HTML 6Page - Integrated Device Technology ICS9DBL411 Datasheet HTML 7Page - Integrated Device Technology ICS9DBL411 Datasheet HTML 8Page - Integrated Device Technology ICS9DBL411 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IDTTM/ICSTM Four Output Differential Buffer for PCI Express
1250A—07/31/07
Advance Information
ICS9DBL411
Four Output Differential Buffer for PCI Express
7
Ordering Information
ICS 9DBL411yGLFT
Example:
Designation for tape and reel packaging
Lead Free, RoHS Compliant
Package Type
G = TSSOP
Revision Designator (will not correlate with datasheet revision)
Device Type (consists of 3 to 7 digit numbers)
ICS XXXX y G LF T
MIN
MAX
MIN
MAX
A--
1.20
--
.047
A1
0.05
0.15
.002
.006
A2
0.80
1.05
.032
.041
b
0.19
0.30
.007
.012
c
0.09
0.20
.0035
.008
D
E
E1
4.30
4.50
.169
.177
e
L
0.45
0.75
.018
.030
N
a
0°8°0°8°
aaa
--
0.10
--
.004
VARIATIONS
MIN
MAX
MIN
MAX
20
6.40
6.60
.252
.260
10-0035
SEE VARIATIONS
SEE VARIATIONS
0.65 BASIC
Reference Doc.: JEDEC Publication 95, MO-153
N
SEE VARIATIONS
SEE VARIATIONS
D mm.
D (inch)
20-Lead, 4.40 mm. Body, 0.65 mm. Pitch TSSOP
6.40 BASIC
0.252 BASIC
0.0256 BASIC
COMMON DIMENSIONS
In Millimeters
In Inches
COMMON DIMENSIONS
(173 mil)
(25.6 mil)
SYMBOL
INDEX
AREA
INDEX
AREA
12
1
N
D
E1
E1
E
SEATING
PLANE
SEATING
PLANE
A1
A
A2
e
-C-
-C-
b
c
L
aaa
aaa C
α



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com